Electronic Components Datasheet Search
  English  ▼

X  

AD9142 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9142
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9142 Datasheet HTML 28Page - Analog Devices AD9142 Datasheet HTML 29Page - Analog Devices AD9142 Datasheet HTML 30Page - Analog Devices AD9142 Datasheet HTML 31Page - Analog Devices AD9142 Datasheet HTML 32Page - Analog Devices AD9142 Datasheet HTML 33Page - Analog Devices AD9142 Datasheet HTML 34Page - Analog Devices AD9142 Datasheet HTML 35Page - Analog Devices AD9142 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
AD9142
Data Sheet
Rev. 0 | Page 32 of 64
MULTIDEVICE SYNCHRONIZATION AND FIXED LATENCY
A DAC introduces a variation of pipeline latency to a system.
The latency variation causes the phase of a DAC output to vary
from power-on to power-on. Therefore, the output from
different DAC devices may not be perfectly aligned even with
well aligned clocks and digital inputs. The skew between
multiple DAC outputs varies from power-on to power-on.
In applications such as transmit diversity or digital pre-
distortion, where deterministic latency is desired, the variation
of the pipeline latency must be minimized. Deterministic
latency in this document is defined as a fixed time delay from
the digital input to the analog output in a DAC from power-on
to power-on. Multiple DAC devices are considered synchronized
to each other when each DAC in this group has the same
constant latency from power-on to power-on. Three conditions
must be identical in all of the ready-to-sync devices before these
devices are considered synchronized:
•
The phase of DAC internal clocks
•
The FIFO level
•
The alignment of the input data
VERY SMALL INHERENT LATENCY VARIATION
The innovative architecture of the AD9142 minimizes the
inherent latency variation. The worst-case variation in the
AD9142 is two DAC clock cycles. For example, in the case of a
1.5 GHz sample rate, the variation is less than 1.4 ns under any
scenario. Therefore, without turning on the synchronization
engine, the DAC outputs from multiple AD9142 devices are
guaranteed to be aligned within two DAC clock cycles, regardless
of the timing between the DCI and the DACCLK. No additional
clocks are required to achieve this accuracy. The user must reset
the FIFO in each DAC device through the SPI at start-up.
Therefore, the AD9142 can decrease the complexity of system
design in multi transmit channel applications.
Note the alignment of the DCI signals in the design. The DCI is
used as a reference in the AD9142 design to align the FIFO and
the phase of internal clocks in multiple parts. The achieved
DAC output alignment depends on how well the DCIs are
aligned at the input of each device. The equation below is the
expression of the worst-case DAC output alignment accuracy in
the case of DCI mismatches.
tSK (OUT) = tSK(DCI) + 2/fDAC
where:
tSK(OUT) is the worst case skew between the DAC output from
two AD9142 devices.
tSK(DCI) is the skew between two DCIs at the DCI input of the
two AD9142 devices.
fDAC is the DACCLK frequency.
The better the alignment of the DCIs, the smaller is the overall
skew between two DAC outputs.
FURTHER REDUCING THE LATENCY VARIATION
For applications that require finer synchronization accuracy
(DAC latency variation < 2 DAC clock cycles), the AD9142 has
a provision for enabling multiple devices to be synchronized to
each other within a single DAC clock cycle.
To further reduce the latency variation in the DAC, the
synchronization machine needs to be turned on and two
external clocks (frame and sync) need to be generated in the
system and fed to all the DAC devices.
Set Up and Hold Timing Requirement
The sync clock (fSYNC) serves as a reference clock in the system
to reset the clock generation circuitry in multiple AD9142 devices
simultaneously. Inside the DAC, the sync clock is sampled by the
DACCLK to generate a reference point for aligning the internal
clocks, so there is a setup and hold timing requirement between
the sync clock and the DAC clock.
If the user adopts the continuous frame reset mode, that is, the
FIFO and sync engine periodically reset, the timing requirements
between the sync clock and the DAC clock must be met.
Otherwise, the device can lose lock and corrupt the output. In
the one shot frame reset mode, it is still recommended that this
timing be met at the time when the sync routine is run because
not meeting the timing can degrade the sync alignment
accuracy by one DAC cycle, as shown in Table 19.
For users who want to synchronize the device in a one-shot
manner and continue to monitor the synchronization status,
the AD9142 provides a sync monitoring mode. It provides a
continuous sync and frame clock to synchronize the part once
and ignore the clock cycles after the first valid frame pulse is
detected. In this way, the user can monitor the sync status
without periodically resynchronizing the device; to engage the
sync monitoring mode, set Register 0x22[1:0] (FRAME_RESET_
MODE) to 11b.
Table 19. Sync Clock and DAC Clock Setup and Hold Times
Falling Edge Sync Timing (default)
Max
Unit
tS (ns)
246
ps
tH (ns)
−11
ps
|tS + tH| (ns)
235
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com