Electronic Components Datasheet Search
  English  ▼

X  

AD9142 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9142
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9142 Datasheet HTML 44Page - Analog Devices AD9142 Datasheet HTML 45Page - Analog Devices AD9142 Datasheet HTML 46Page - Analog Devices AD9142 Datasheet HTML 47Page - Analog Devices AD9142 Datasheet HTML 48Page - Analog Devices AD9142 Datasheet HTML 49Page - Analog Devices AD9142 Datasheet HTML 50Page - Analog Devices AD9142 Datasheet HTML 51Page - Analog Devices AD9142 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
AD9142
Data Sheet
Rev. 0 | Page 48 of 64
PLL STATUS REGISTER
Address: 0x16, Reset: 0x00, Name: PLL_STATUS0
Table 36. Bit Descriptions for PLL_STATUS0
Bits
Bit Name
Settings
Description
Reset
Access
7
PLL_LOCK
PLL clock multiplier output is stable.
0x0
R
[3:0]
VCO_CTRL_VOLTAGE_READBACK
VCO control voltage readback. A binary value.
0x0
R
1111
The highest VCO control voltage.
0111
The mid value when a proper VCO band is selected. When
the PLL is locked, selecting a higher VCO band decreases this
value and selecting a lower VCO band increases this value.
0000
The lowest VCO control voltage.
PLL STATUS REGISTER
Address: 0x17, Reset: 0x00, Name: PLL_STATUS1
Table 37. Bit Descriptions for PLL_STATUS1
Bits
Bit Name
Settings
Description
Reset
Access
[5:0]
PLL_BAND_READBACK
Indicates the VCO band currently selected.
0x00
R
IDAC FS ADJUST LSB REGISTER
Address: 0x18, Reset: 0xF9, Name: IDAC_FS_ADJ0
Table 38. Bit Descriptions for IDAC_FS_ADJ0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
IDAC_FULLSCALE_ADJUST_LSB
See Register 0x19.
0xF9
RW
IDAC FS ADJUST MSB REGISTER
Address: 0x19, Reset: 0xE1, Name: IDAC_FS_ADJ1
Table 39. Bit Descriptions for IDAC_FS_ADJ1
Bits
Bit Name
Settings
Description
Reset
Access
[1:0]
IDAC_FULLSCALE_ADJUST_MSB
IDAC full-scale adjust, Bits[9:0] sets the full-scale current of
the IDAC. The full-scale current can be adjusted from 8.64 mA
to 31.68 mA. The default value (0x1F9) sets the full-scale
current to 20 mA.
0x1
RW
QDAC FS ADJUST LSB REGISTER
Address: 0x1A, Reset: 0xF9, Name: QDAC_FS_ADJ0
Table 40. Bit Descriptions for QDAC_FS_ADJ0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
QDAC_FULLSCALE_ADJUST_LSB
See Register 0x1B.
0xF9
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com