Electronic Components Datasheet Search
  English  ▼

X  

AD9142 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9142
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9142 Datasheet HTML 37Page - Analog Devices AD9142 Datasheet HTML 38Page - Analog Devices AD9142 Datasheet HTML 39Page - Analog Devices AD9142 Datasheet HTML 40Page - Analog Devices AD9142 Datasheet HTML 41Page - Analog Devices AD9142 Datasheet HTML 42Page - Analog Devices AD9142 Datasheet HTML 43Page - Analog Devices AD9142 Datasheet HTML 44Page - Analog Devices AD9142 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 41 of 64
EXAMPLE START-UP ROUTINE
To ensure reliable start-up of the AD9142, certain sequences
must be followed. This section shows an example start-up
routine.
Device Configuration and Start-Up Sequence
•
fDATA = 200 MHz, interpolation is 8×.
•
Input data is baseband data.
•
fOUT = 350 MHz.
•
PLL is enabled, fREF = 200 MHz.
•
Fine NCO is enabled, inverse sinc filter is enabled.
•
A delay line-based mode is used with an interface delay
setting of 0.
Derived PLL Settings
The following PLL settings can be derived from the device
configuration:
•
fDAC = 200 × 8 = 1600 MHz.
•
fVCO= fDAC = 1600 MHz (1 GHz < fVCO < 2 GHz).
•
VCO divider = fVCO/fDAC = 1.
•
Loop divider = fDAC/fREF = 8.
Derived NCO Settings
The following NCO settings can be derived from the device
configuration:
•
fDAC = 200 × 8 = 1600 MHz.
•
fCARRIER = fOUT = 350 MHz.
•
FTW = fCARRIER/fDAC × 232 = 0x38000000.
Start-Up Sequence
1. Power up the device (no specific power supply sequence is
required).
2. Apply stable DAC clock.
3. Apply stable DCI clock.
4. Feed stable input data.
5. Issue H/W reset (optional).
/* Device configuration register write
sequence. Must be written in sequence for every
device after reset*/
0x00 → 0x20 /* Issue software reset */
0x20
→ 0x01 /* Device Startup Configuration */
0x79
→ 0x18 /* Device Startup Configuration */
0x80
→ 0xAD /* Device Startup Configuration */
0xE1
→ 0x1A /* Device Startup Configuration */
/* Configure PLL */
0x14 → 0xE3 /* Configure PLL loop BW and charge
pump current */
0x15
→ 0xC2 /* Configure VCO divider and Loop
divider */
0x12 → 0xC0 /*Enable the PLL */
0x12
→ 0x80
/* Configure Data Interface */
0x5E → 0x00 /* Delay setting 0 */
0x5F → 0x08 /* Enable the delay line */
/* Configure Interpolation filter */
0x28 → 0x03 /* 8× interpolation */
/* Reset FIFO */
0x25
→ 0x01
Read 0x25[1] /* Expect 1b if the FIFO reset is
complete */
Read 0x24 /* The readback should be one of the
three values: 0x37, 0x40, or 0x41 */
/* Configure NCO */
0x27→ 0x40 /* Enable NCO */
0x31
→ 0x00
0x32
→ 0x00
0x33
→ 0x00
0x34
→ 0x38
0x30
→ 0x01
Read 0x30[1] /* Expect 1b if the NCO update is
complete */
/* Enable Inverse SINC filter */
0x27
→ 0xC0
/* Power up DAC outputs */
0x01 → 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com