Electronic Components Datasheet Search
  English  ▼

X  

AD9142 Datasheet(PDF) 61 Page - Analog Devices

Part # AD9142
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142 Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9142 Datasheet HTML 57Page - Analog Devices AD9142 Datasheet HTML 58Page - Analog Devices AD9142 Datasheet HTML 59Page - Analog Devices AD9142 Datasheet HTML 60Page - Analog Devices AD9142 Datasheet HTML 61Page - Analog Devices AD9142 Datasheet HTML 62Page - Analog Devices AD9142 Datasheet HTML 63Page - Analog Devices AD9142 Datasheet HTML 64Page - Analog Devices AD9142 Datasheet HTML 65Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 61 of 64
PACKAGING AND ORDERING INFORMATION
OUTLINE DIMENSIONS
Figure 65. 72-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
10 mm × 10 mm Body, Very Thin Quad
(CP-72-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9142BCPZ
−40°C to +85°C
72-lead LFCSP_VQ
CP-72-7
AD9142BCPZRL
−40°C to +85°C
72-lead LFCSP_VQ
CP-72-7
AD9142-M5372-EBZ
Evaluation Board Connected to ADL5372 Modulator
AD9142-M5375-EBZ
Evaluation Board Connected to ADL5375 Modulator
1
Z = RoHS Compliant Part.
COMPLIANT TO JEDEC STANDARDS MO-220-VNND-4
0.20 REF
0.80 MAX
0.65 TYP
1.00
0.85
0.80
0.05 MAX
0.02 NOM
1
18
54
37
19
36
72
55
0.50
0.40
0.30
8.50 REF
PIN 1
INDICATOR
SEATING
PLANE
12° MAX
0.60
0.42
0.24
0.60
0.42
0.24
0.30
0.23
0.18
0.50
BSC
PIN 1
INDICATOR
COPLANARITY
0.08
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
TOP VIEW
EXPOSED
PAD
BOTTOM VIEW
10.10
10.00 SQ
9.90
9.85
9.75 SQ
9.65
0.25 MIN
6.15
6.00 SQ
5.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com