Electronic Components Datasheet Search
  English  ▼

X  

AD9142 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9142
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9142 Datasheet HTML 24Page - Analog Devices AD9142 Datasheet HTML 25Page - Analog Devices AD9142 Datasheet HTML 26Page - Analog Devices AD9142 Datasheet HTML 27Page - Analog Devices AD9142 Datasheet HTML 28Page - Analog Devices AD9142 Datasheet HTML 29Page - Analog Devices AD9142 Datasheet HTML 30Page - Analog Devices AD9142 Datasheet HTML 31Page - Analog Devices AD9142 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
AD9142
Data Sheet
Rev. 0 | Page 28 of 64
Table 16. Half-Band Filter 2 Coefficient
Lower Coefficient
Upper Coefficient
Integer Value
H(1)
H(23)
−2
H(2)
H(22)
0
H(3)
H(21)
+17
H(4)
H(20)
0
H(5)
H(19)
−75
H(6)
H(18)
0
H(7)
H(17)
+238
H(8)
H(16)
0
H(9)
H(15)
−660
H(10)
H(14)
0
H(11)
H(13)
+2530
H(12)
+4096
Table 17. Half-Band Filter 3 Coefficient
Lower Coefficient
Upper Coefficient
Integer Value
H(1)
H(11)
+29
H(2)
H(10)
0
H(3)
H(9)
−214
H(4)
H(8)
0
H(5)
H(7)
+1209
H(6)
+2048
DIGITAL MODULATION
The AD9142 provides two modes to modulate the baseband
quadrature signal to the desired DAC output frequency.
•
Coarse (fS/4) modulation
•
Fine (NCO) modulation
fS/4 Modulation
The fS/4 modulation is a convenient and low power modulation
mode to translate the input baseband frequency to a fixed fS/4
IF frequency, fS being the DAC sampling rate. When modulation
frequencies other than this frequency are required, the NCO
modulation mode must be used.
NCO Modulation
The NCO modulation mode makes use of a numerically
controlled oscillator (NCO), a phase shifter, and a complex
modulator to provide a means for modulating the signal by a
programmable carrier signal. A block diagram of the digital
modulator is shown in Figure 45. The NCO modulation allows
the DAC output signal to be placed anywhere in the output
spectrum with very fine frequency resolution.
Figure 45. NCO Modulator Block Diagram
The NCO modulator mixes the carrier signal generated by the
NCO with the I and Q signals. The NCO produces a quadrature
carrier signal to translate the input signal to a new center fre-
quency. A complex carrier signal is a pair of sinusoidal waveforms
of the same frequency, offset 90 degrees from each other. The
frequency of the complex carrier signal is set via NCO_FREQ_
TUNING_WORD[31:0] in Register 0x31 through Register 0x34.
The NCO operating frequency, fNCO, is always equal to fDAC, the
DACCLK frequency. The frequency of the complex carrier
signal can be set from dc up to ±0.5 × fNCO.
The frequency tuning word (FTW) is in twos complement
format. It can be calculated as
2
2
DAC
CARRIER
DAC
f
f
f
≤
≤
−
( )(
)
0
2
32
≥
×
=
CARRIER
DAC
CARRIER
f
f
f
FTW
(
)
0
)
(
)
1
(
<
×
−
=
CARRIER
DAC
CARRIER
f
f
f
FTW
32
2
The generated quadrature carrier signal is mixed with the I and
Q data. The quadrature products are then summed into the I
and Q data paths, as shown in Figure 45.
Updating the Frequency Tuning Word
The frequency tuning word registers are not updated immediately
upon writing, as are other configuration registers. Similar to
FIFO reset, the NCO update can be triggered in two ways.
•
SPI initiated update
•
Frame initiated update
COSINE
SINE
~
I DATA IN
Q DATA IN
I DATA OUT
Q DATA OUT
FTW[31:0]
NCO
PHASE[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com