Electronic Components Datasheet Search
  English  ▼

X  

AD9142 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9142
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9142 Datasheet HTML 39Page - Analog Devices AD9142 Datasheet HTML 40Page - Analog Devices AD9142 Datasheet HTML 41Page - Analog Devices AD9142 Datasheet HTML 42Page - Analog Devices AD9142 Datasheet HTML 43Page - Analog Devices AD9142 Datasheet HTML 44Page - Analog Devices AD9142 Datasheet HTML 45Page - Analog Devices AD9142 Datasheet HTML 46Page - Analog Devices AD9142 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 43 of 64
0x28 INTERPOLATION_
CTRL
[7:0]
Reserved
INTERPOLATION_MODE
0x00 RW
0x29 OVER_
THRESHOLD_
CTRL0
[7:0]
THRESHOLD_LEVEL_REQUEST_LSB
0x00 RW
0x2A OVER_
THRESHOLD_
CTRL1
[7:0]
Reserved
THRESHOLD_LEVEL_REQUEST_MSB
0x00 RW
0x2B OVER_
THRESHOLD_
CTRL2
[7:0] ENABLE_
PROTECTION
IQ_DATA_
SWAP
Reserved
SAMPLE_WINDOW_LENGTH
0x00 RW
0x2C INPUT_POWER_
READBACK_LSB
[7:0]
INPUT_POWER_READBACK_LSB
0x00 R
0x2D INPUT_POWER_
READBACK_MSB
[7:0]
Reserved
INPUT_POWER_READBACK_MSB
0x00 R
0x30 NCO_CTRL
[7:0] Reserved
NCO_FRAME_
UPDATE_ACK
SPI_NCO_
PHASE_RST_
ACK
SPI_NCO_
PHASE_
RST_REQ
Reserved
NCO_SPI_
UPDATE_ACK
NCO_SPI_
UPDATE_REQ
0x00 RW
0x31 NCO_FREQ_
TUNING_
WORD0
[7:0]
NCO_FTW0
0x00 RW
0x32 NCO_FREQ_
TUNING_
WORD1
[7:0]
NCO_FTW1
0x00 RW
0x33 NCO_FREQ_
TUNING_
WORD2
[7:0]
NCO_FTW2
0x00 RW
0x34 NCO_FREQ_
TUNING_
WORD3
[7:0]
NCO_FTW3
0x10 RW
0x35 NCO_PHASE_
OFFSET0
[7:0]
NCO_PHASE_OFFSET_LSB
0x00 RW
0x36 NCO_PHASE_
OFFSET1
[7:0]
NCO_PHASE_OFFSET_MSB
0x00 RW
0x37 IQ_PHASE_
ADJ0
[7:0]
IQ_PHASE_ADJ_LSB
0x00 RW
0x38 IQ_PHASE_
ADJ1
[7:0]
Reserved
IQ_PHASE_ADJ_MSB
0x00
0
RW
0x3B IDAC_DC_
OFFSET0
[7:0]
IDAC_DC_OFFSET_LSB
0x00 RW
0x3C IDAC_DC_
OFFSET1
[7:0]
IDAC_DC_OFFSET_MSB
0x00 RW
0x3D QDAC_DC_
OFFSET0
[7:0]
QDAC_DC_OFFSET_LSB
0x00 RW
0x3E QDAC_DC_
OFFSET1
[7:0]
QDAC_DC_OFFSET_MSB
0x00 RW
0x3F IDAC_GAIN_ADJ [7:0]
Reserved
IDAC_GAIN_ADJ
0x20 RW
0x40 QDAC_GAIN_
ADJ
[7:0]
Reserved
QDAC_GAIN_ADJ
0x20 RW
0x41 GAIN_STEP_
CTRL0
[7:0]
Reserved
RAMP_UP_STEP
0x01 RW
0x42 GAIN_STEP_
CTRL1
[7:0] DAC_OUTPUT_
STATUS
DAC_OUTPUT_
ON
RAMP_DOWN_STEP
0x01 RW
0x43 TX_ENABLE_
CTRL
[7:0]
Reserved
TXENABLE_
GAINSTEP_EN
TXENABLE_
SLEEP_EN
TXENABLE_
POWER_
DOWN_EN
0x07 RW
0x44 DAC_OUTPUT_
CTRL
[7:0] DAC_OUTPUT_
CTRL_EN
Reserved
FIFO_WARNING_
SHUTDOWN_EN
OVER-
THRESHOLD_
SHUTDOWN_
EN
Reserved
FIFO_ERROR_
SHUTDOWN_
EN
0x8F RW
0x5E DATA_RX_CTRL0 [7:0]
DLY_TAP_LSB
0xFF RW
0x5F DATA_RX_CTRL1 [7:0]
Reserved
DLYLINE_EN
DLY_TAP_MSB
0x07 RW
0x79 DEVICE_
CONFIG0
[7:0]
DEVICE_CONFIGURATION0
0x00 RW
0x7F Version
[7:0]
Version
0x05 R
0x80 DEVICE_
CONFIG1
[7:0]
DEVICE_CONFIGURATION1
0x00 RW
0xE1 DEVICE_
CONFIG2
[7:0]
DEVICE_CONFIGURATION2
0x00 RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com