Electronic Components Datasheet Search
  English  ▼

X  

AD9142 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9142
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9142 Datasheet HTML 11Page - Analog Devices AD9142 Datasheet HTML 12Page - Analog Devices AD9142 Datasheet HTML 13Page - Analog Devices AD9142 Datasheet HTML 14Page - Analog Devices AD9142 Datasheet HTML 15Page - Analog Devices AD9142 Datasheet HTML 16Page - Analog Devices AD9142 Datasheet HTML 17Page - Analog Devices AD9142 Datasheet HTML 18Page - Analog Devices AD9142 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 15 of 64
Figure 21. Single-Tone fDAC = 1474.56 MHz,
fOUT = 280 MHz, −14 dBFS
Figure 22. 4C WCDMA ACLR Performance,
IF = 280 MHz, fDAC = 1474.28 MHz
Figure 23. Single-Tone SFDR fDAC = 1474.56 MHz,
4× Interpolation, fOUT = 10 MHz, −14 dBFS
Figure 24. Total Power Consumption vs. fDAC over Interpolation
Figure 25. DVDD18 Current vs. fDAC over Interpolation
Figure 26. DVDD18 Current vs. fDAC over Digital Functions
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
0
1800
1600
1400
1200
1000
800
600
400
200
fDAC (MHz)
2× INTERPOLATION
4× INTERPOLATION
8× INTERPOLATION
450
0
50
100
150
200
250
300
350
400
0
1800
1600
1400
1200
1000
800
600
400
200
fDAC (MHz)
2× INTERPOLATION
4× INTERPOLATION
8× INTERPOLATION
0.30
0.25
0.20
0.15
0.10
0.05
0
0
200
400
600
800
1000
1200
1400
1600
fDAC (MHz)
NCO
INV SINC
DIG GAIN, PHASE, AND OFFSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com