Electronic Components Datasheet Search
  English  ▼

X  

AD9142 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9142
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9142 Datasheet HTML 29Page - Analog Devices AD9142 Datasheet HTML 30Page - Analog Devices AD9142 Datasheet HTML 31Page - Analog Devices AD9142 Datasheet HTML 32Page - Analog Devices AD9142 Datasheet HTML 33Page - Analog Devices AD9142 Datasheet HTML 34Page - Analog Devices AD9142 Datasheet HTML 35Page - Analog Devices AD9142 Datasheet HTML 36Page - Analog Devices AD9142 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 33 of 64
SYNCHRONIZATION IMPLEMENTATION
The AD9142 lets the user choose either the rising or falling
edge of the DAC clock to sample the sync clock, which makes it
easier to meet the timing requirements. The sync clock, fSYNC,
should be 1/8 × fDATA or slower by a factor of 2n, n being an
integer (1, 2, 3…). Note that there is a limit on how slow the
sync clock can be because of the ac coupling nature of the sync
clock receiver. Choose an appropriate value of the ac coupling
capacitors to ensure that the signal swing meets the data sheet
specification, as listed in Table 2.
The frame clock resets the FIFO in multiple AD9142 devices.
The frame can be either a one shot or continuous clock. In either
case, the pulse width of the frame must be longer than one DCI
cycle in the word mode and two DCI cycles in the byte mode.
When the frame is a continuous clock, fFRAME should be at 1/8 ×
fDATA or slower by a factor of 2n, n being an integer (1, 2, 3…).
Table 20 lists the requirements of the frame clock in various
conditions.
Table 20. Frame Clock Speed and Pulse Width Requirement
Sync Clock
Maximum
Speed
Minimum Pulse Width
One Shot
N/A1
For both one shot and continuous
sync clocks, word mode = one DCI
cycle and byte mode = two DCI cycles.
Continuous
fDATA/8
1
N/A means not applicable.
SYNCHRONIZATION PROCEDURES
When the sync accuracy of an application is looser than two
DAC clock cycles, it is recommended to turn off the synchro-
nization machine because there are no additional steps required,
other than the regular start-up procedure sequence.
For applications that require finer than two-DAC clock cycle
sync accuracy, it is recommended that the procedure in the
Synchronization Procedure for PLL Off or Synchronization
Procedure for PLL On sections be followed to set up the system
and configure the device. For more information about the
details of the synchronization scheme in the AD9142 and using
the synchronization function to correct system skews and drifts,
see the DAC Latency and System Skews section.
Synchronization Procedure for PLL Off
1. Configure the DAC interpolation mode and, if NCO is
used, configure the NCO FTW.
2. Set up the DAC data interface according to the procedure
outlined in the Data Interface section and verify that the
DLL is locked.
3. Choose the appropriate mode in FRAME_RESET_MODE.
a. If NCO is not used, choose FIFO only mode.
b. If NCO is used, it must be synchronized. FIFO and
NCO mode can then be used.
4. Configure Bit 2 in Register 0x22 for continuous or one shot
reset mode. One shot reset mode is recommended.
5. Ensure that the DACCLK, DCI, and sync clock to all of the
AD9142 devices are running and stable.
6. Enable the sync engine by writing 1 to Register 0x21[0].
7. Send a valid frame pulse(s) to all of the AD9142 devices.
8. Verify that the frame pulse is received by each device by
reading back Register 0x22[3]. All the readback values are 1.
At this point, the devices should be synchronized.
Synchronization Procedure for PLL On
Note that, because the sync clock and PLL reference clock share
the same clock and the maximum sync clock rate is fDATA/8, the
same limit also applies to the reference clock. Therefore, only
2× interpolation is supported for synchronization with PLL on.
1. Set up the PLL according to the procedure in the Clock
Multiplication section and ensure that the PLL is locked.
2. Configure the DAC interpolation mode and, if NCO is
used, configure the NCO FTW.
3. Set up the DAC data interface according to the procedure
in the Data Interface section and verify that the DLL is
locked.
4. Choose the appropriate mode in FRAME_RESET_MODE.
a. If NCO is not used, choose the FIFO only mode.
b. If NCO is used, it must be synchronized. FIFO and
NCO mode can then be used.
5. Configure Bit 2 in Register 0x22 for continuous or one shot
reset mode. One shot reset mode is recommended.
6. Ensure that DACCLK, DCI, and sync clock to all of the
AD9142 devices are running.
7. Enable the sync engine by writing 1 to Register 0x21[0].
8. Send a valid frame pulse(s) to all of the AD9142 devices.
9. Verify that the frame pulse is received by each device by
reading back Register 0x22[3]. All the readback values are 1.
At this point, the devices should be synchronized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com