Electronic Components Datasheet Search
  English  ▼

X  

AD9142 Datasheet(PDF) 57 Page - Analog Devices

Part # AD9142
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9142 Datasheet HTML 53Page - Analog Devices AD9142 Datasheet HTML 54Page - Analog Devices AD9142 Datasheet HTML 55Page - Analog Devices AD9142 Datasheet HTML 56Page - Analog Devices AD9142 Datasheet HTML 57Page - Analog Devices AD9142 Datasheet HTML 58Page - Analog Devices AD9142 Datasheet HTML 59Page - Analog Devices AD9142 Datasheet HTML 60Page - Analog Devices AD9142 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 57 of 64
TX ENABLE CONTROL REGISTER
Address: 0x43, Reset: 0x07, Name: TX_ENABLE_CTRL
Table 77. Bit Descriptions for TX_ENABLE_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
2
TXENABLE_GAINSTEP_EN
DAC output gradually turns on/off under the control of the
TXENABLE signal from the TXEN pin according to the settings
in Register 0x41 and Register 0x42.
0x1
RW
1
TXENABLE_SLEEP_EN
When set to 1, the device is put in sleep mode when the
TXENABLE signal from the TXEN pin is low.
0x1
RW
0
TXENABLE_POWER_DOWN_EN
When set to 1, the device is put in power down mode when
TXENABLE signal from the TXEN pin is low.
0x1
RW
DAC OUTPUT CONTROL REGISTER
Address: 0x44, Reset: 0x8F, Name: DAC_OUTPUT_CTRL
Table 78. Bit Descriptions for DAC_OUTPUT_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
DAC_OUTPUT_CTRL_EN
Enable the DAC output control. This bit needs to be set to 1 to
enable the rest of the bits in this register.
0x1
RW
3
FIFO_WARNING_SHUTDOWN_EN
When this bit and Bit 7 are both high, if a FIFO warning occurs,
the DAC output shuts down automatically. By default, this
function is on.
0x1
RW
2
OVERTHRESHOLD_SHUTDOWN_EN
The DAC output is turned off when the input average power is
greater than the predefined threshold.
0x1
RW
0
FIFO_ERROR_SHUTDOWN_EN
The DAC output is turned off when the FIFO reports warnings.
0x1
RW
DATA RECEIVER TEST CONTROL REGISTER
Address: 0x5E, Reset: 0xFF, Name: DATA_RX_CTRL0
Table 79. Bit Descriptions for DATA_RX_CTRL0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DLY_TAP_LSB
See Register 0x5F[2:0].
0xFF
RW
DATA RECEIVER TEST CONTROL REGISTER
Address: 0x5F, Reset: 0x07, Name: DATA_RX_CTRL1
Table 80. Bit Descriptions for DATA_RX_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
3
DLYLINE_EN
1 = Enable the data interface.
0x0
RW
[2:0]
DLY_TAP_MSB
Four available delay settings. See the Interface Delay Line section for more
information.
0x7
RW
00
0x000
01
0x007
10
0x07F
11
0x5FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com