Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  ADNS-2710 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
PCB Assembly Considerations
1. Insert the sensor and all other electrical components
into PCB.
2. Insert the LED into the assembly clip and bend the
leads 90 degrees.
3. Insert the LED clip assembly into PCB.
4. This sensor package is only qualified for wave-solder
process.
5. Wave solder the entire assembly in a no-wash solder
process utilizing solder fixture. The solder fixture is
needed to protect the sensor during the solder process.
It also sets the correct sensor-to-PCB distance as the
lead shoulders do not normally rest on the PCB surface.
The fixture should be designed to expose the sensor
leads to solder while shielding the optical aperture
from direct solder contact.
6. Place the lens onto the base plate.
7. Remove the protective Kapton tape from optical
aperture of the sensor. Care must be taken to keep
contaminants from entering the aperture. Recommend
not to place the PCB facing up during the entire mouse
assembly process. Recommend to hold the PCB first
vertically for the Kapton removal process.
8. Insert PCB assembly over the lens onto the base plate
aligning post to retain PCB assembly. The sensor
aperture ring should self-align to the lens.
9. The optical position reference for the PCB is set by the
base plate and lens. Note that the PCB motion due to
button presses must be minimized to maintain optical
alignment.
10. Install mouse top case. There MUST be a feature in
the top case to press down onto the PCB assembly to
ensure all components are interlocked to the correct
vertical height.
IMPORTANT NOTE: P-bin LED or better is recommended.
Figure 6. Exploded View of Assembly
Customer supplied base plate with
recommended alignment features
per IGES drawing
Trim Lens
Customer supplied PCB
Sensor
Clip
LED
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com