Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 18 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 18 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 22Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
18
USB Commands
Mnemonic
Command
Notes
USB_RESET
D+/D- low > 18.7
s
Device Resets; Address=0
USB_SUSPEND
Idle state > 3 mS
Device enters USB low-power mode
USB_RESUME
Non-idle state
Device exits USB low-power mode
Get_Status_Device
80 00 00 00 00 00 02 00
Normally returns 00 00, Self powered 00 00,
Remote wakeup 02 00
Get_Status_Interface
81 00 00 00 00 00 02 00
Normally returns 00 00
Get_Status_Endpt0
82 00 00 00 xx 00 02 00
OUT: xx=00, IN: xx=80
Normally returns 00 00
Get_Status_Endpt1
82 00 00 00 81 00 02 00
Normally returns 00 00, Halt 00 01
Get_Configuration
80 08 00 00 00 00 01 00
Return: 00=not config., 01=configured
Get_Interface
81 0A 00 00 00 00 01 00
Normally returns 00
Get_Protocol
A1 03 00 00 00 00 01 00
Normally returns 01, Boot protocol 00
Get_Desc_Device
80 06 00 01 00 00 nn 00
See USB command details
Get_Desc_Config
80 06 00 02 00 00 nn 00
See USB command details
Get_Desc_String
80 06 xx 03 00 00 nn 00
See USB command details
Get_Desc_HID
81 06 00 21 00 00 09 00
See USB command details
Get_Desc_HID_Report
81 06 00 22 00 00 nn 00
See USB command details
Get_HID_Input
A1 01 00 01 00 00 nn 00
Return depends on motion & config
Get_Idle
A1 02 00 00 00 00 01 00
Returns rate in multiples of 4 ms
Get_Vendor_Test
C0 01 00 00 xx 00 01 00
Read register xx
Set_Address
00 05 xx 00 00 00 00 00
xx = address
Set_Configuration
00 09 xx 00 00 00 00 00
Not configured: xx=00
Configured: xx=01
Set_Interface
01 0B 00 00 00 00 00 00
Only one interface supported
Set_Protocol
21 0B xx 00 00 00 00 00
Boot: xx=00, Report: xx=01
Set_Feature_Device
00 03 01 00 00 00 00 00
Enable remote wakeup
Set_Feature_Endpt0
02 03 00 00 xx 00 00 00
Halt. OUT: xx=00, IN: xx=80
Set_Feature_Endpt1
02 03 00 00 81 00 00 00
Halt
Clear_Feature_Device
00 01 01 00 00 00 00 00
Disable Remote wakeup
Clear_Feature_Endpt0
02 01 00 00 xx 00 00 00
Clear Halt; OUT: xx=00, IN: xx=80
Clear_Feature_Endpt1
02 01 00 00 81 00 00 00
Clear Halt
Set_Idle
21 0A 00 rr 00 00 00 00
rr = report rate in multiples of 4 ms
Set_Vendor_Test
40 01 00 00 xx yy 00 00
Write yy to address xx
Poll_Endpt1
Read buttons, motion, & Z-wheel
Note:
The last two bytes in a command shown as “nn 00” specify the 16-bit data size in the order of “LowByte HighByte.” For example a two-byte data size
would be specified as “02 00.” The sensor will not provide more bytes than the number requested in the command, but it will only supply up to a
maximum of 8 bytes at a time. The sensor will re-send the last packet if the transfer is not acknowledged properly.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com