Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 37 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 37 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 36Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 37Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 38Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
37
DPI
Address: 0xE0
Type: OTP
Access: Read/Write
Reset Value: 0x54
Bit
7
6543210
Field
Reserved
SwapXY
INV_X
INV_Y
Reserved
DPI2
DPI1
DPI0
Data Type: Bit field.
USAGE: These registers are used to customize the device’s DPI.
Field Name
Description
SwapXY
To swap x and y
0 = no swap
1 = swap
INV_X
To invert x direction
0 = not inverted
1 = inverted
INV_Y
To invert y direction
0 = not inverted
1 = inverted
DPI
Device status
010 = 500 dpi
011 = 750 dpi
100 = 1000 dpi (default)
101 = 1250 dpi
Note: Sensor orientation setting by changing bit 6,5 and 4. The SwapXY operation is always performed before
INV_X and INV_Y inversion operations.
Rotation
0°
90°
180°
270°
Bit[6:4]
101
000
110
011
Motion
Reporting
Direction
+X
+Y
+X
+Y
+X
+Y
+X
+Y
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com