Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 34 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 34 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 36Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 37Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 38Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
34
OTP_CONFIG
Address: 0x51
Type: Device
Access: Read/Write
Reset Value: 0x00
Bit
7
6543210
Field
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
OTP_EN
Data Type: Bit field.
USAGE: OTP commands enable/disable. Refer to OTP programming section.
Field Name
Description
OTP_EN
OTP commands
1 = Enabled
0 = Disabled
OTP_ADDR
Address: 0x52
Type: Device
Access: Read/Write
Reset Value: 0x00
Bit
76543210
Field
OTP_
ADDR7
OTP_
ADDR6
OTP_
ADDR5
OTP_
ADDR4
OTP_
ADDR3
OTP_
ADDR2
OTP_
ADDR1
OTP_
ADDR0
Data Type: 8-bit number.
USAGE: This register is the container of OTP address in OTP read/write command. Refer to OTP programming section.
OTP_DATA
Address: 0x53
Type: Device
Access: Read/Write
Reset Value: 0x00
Bit
76543210
Field
OTP_
DATA7
OTP_
DATA6
OTP_
DATA5
OTP_
DATA4
OTP_
DATA3
OTP_
DATA2
OTP_
DATA1
OTP_
DATA0
Data Type: 8-bit number.
USAGE: This register is the container of OTP data value in OTP read/write command. Refer to OTP programming
section.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com