Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 24 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 24 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 28Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
24
Get_HID_Input
Returns:
Default:
Addressed:
Configured:
Notes:
A1 01 00 01 00 00 nn 00
nn = 06 (12 bit reporting)
bb xx yx yy zz 00
bb = button byte
xx = X motion byte
yx = XY motion byte
yy = Y motion byte
zz = Z motion byte
Stall
Stall
Accept
If the device is configured, it will always respond with a report for this command, even if no motion
or button changes have occurred. In this case, it would report 00 for motion and simply report the
current button state. If a report is pending on endpt1, the data there will be reported and the report
on endpt1 cleared.
The mouse will only create new button/motion packets when it is in the Configured state
USB Data Packet Format
Bit
76543210
Byte 1
00000
B3(MB)
B2(RB)
B1(LB)
Byte 2
X7
X6
X5
X4
X3
X2
X1
X0
Byte 3
Y3
Y2
Y1
Y0
X11
X10
X9
X8
Byte 4
Y11
Y10
Y9
Y8
Y7
X6
X5
X4
Byte 5
Z7
Z6
Z5
Z4
Z3
Z2
Z1
Z0
Byte 6
00000000
Get_Idle
Returns:
Default:
Addressed:
Configured:
Notes:
A1 02 00 00 00 00 01 00
rr
rr = rate in multiples of 4 mS
Accept
Accept
Accept
The third byte of the command is to select the Report ID. There is only one for the mouse – so, using
00 or 01 will work. See also Set_Idle.
Get_Vendor_Test
Returns:
Default:
Addressed:
Configured:
Notes:
C0 01 00 00 xx 00 01 00
ii = ignore
xx = address of register to read
rr (depends on register read)
Accept
Accept
Accept
Address range (xx) is datasheet register range
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com