Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 28 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 28 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 32Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
28
Registers
The sensor can be programmed through registers, via the USB port, and configuration and motion data can be read from
these registers. The registers will be “disabled” by VDDA5 going low or sending a USB reset command.
Address
Register Name
Register Type
Access
Reset Value
0x00
PROD_ID
Device
Read only
0x2b
0x01
REV_ID
Device
Read only
0x01
0x02
MOUSE_STAT
Device
Read only
Undefined
0x03
DELTA_X_L
Device
Read only
0x00
0x04
DELTA_Y_L
Device
Read only
0x00
0x05
DELTA_XY_H
Device
Read only
0x00
0x06
DZ
Device
Read only
0x00
0x07
SQUAL
Device
Read only
0x00
0x08
SHUT_HI
Device
Read only
0x00
0x09
SHUT_LO
Device
Read only
0x32
0x0A
PIX_MAX
Device
Read only
0x00
0x0B
PIX_ACCUM
Device
Read only
0x00
0x0C
PIX_MIN
Device
Read only
0x00
0x0D
PIX_GRAB
Device
Read only
0x00
0x40
INV_REV_ID
Device
Read only
0xFE
0x42
OTP_CLOCK
Device
Read/Write
0x00
0x51
OTP_CONFIG
Device
Read/Write
0x00
0x52
OTP_ADDR
Device
Read/Write
0x00
0x53
OTP_DATA
Device
Read/Write
0x00
0x54
OTP_CTRL
Device
Read/Write
0x00
0x56
OTP_RUNSTAT
Device
Read only
Undefined
0x58
OTP_CTRLSTAT
Device
Read only
Undefined
0xDF
L1_USE_OTP
OTP
Read/Write
0x00
0xE0
DPI
OTP
Read/Write
0x04
0xE2 : 0xE3
PID1 : PID0
OTP
Read/Write
0x0916
0xE4 : 0xE5
VID1 : VID0
OTP
Read/Write
0x192F
0xE8
OTPLOCK1
OTP
Read/Write
0x00
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com