Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 20 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 20 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 24Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
20
Get_Status_Endpt0
Returns:
Default:
Addressed:
Configured:
Notes:
82 00 00 00 xx 00 02 00
82 00 00 00 00 00 02 00
82 00 00 00 80 00 02 00
xx = 00 = Endpt0 OUT
xx = 80 = Endpt0 IN
xx yy
xx[0] = Halt
xx[7:1] = 0
yy = 00 (Reserved)
Accept (undefined in USB Spec)
Accept
Accept
Use Set_Feature_Endpt0/Clear_Feature_Endpt0 to (try to) set/clear Halt bit. According to USB, “It is
neither required or recommended that the Halt feature be implemented for the Default Control Pipe.”
Since a new SETUP command will clear any Endpt0 halt bit, it is impossible to tell if there really is a
halt bit.
Get_Status_Endpt1
Returns:
Default:
Addressed:
Configured:
Notes:
82 00 00 00 81 00 02 00
xx yy
xx[0] = Halt
xx[7:1] = 0
yy = 00 (Reserved)
Stall (undefined in USB Spec)
Stall
Accept
Use Set_Feature_Endpt1/Clear_Feature_Endpt1 to set/clear Halt bit.
Get_Configuration
Returns:
Default:
Addressed:
Configured:
Notes:
80 08 00 00 00 00 01 00
xx
xx = config value
Accept (undefined in USB Spec) – returns 00
Accept – returns 00
Accept – returns 01
Use Set_Configuration to change.
Get_Interface
Returns:
Default:
Addressed:
Configured:
Notes:
81 0A 00 00 00 00 01 00
00
Stall (undefined in USB Spec)
Stall
Accept – returns 00
Command has no alternate interfaces, so only valid value is 00
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com