Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9
AC Electrical Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25° C, VDDA5 = 5.0 V.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Wakeup Delay from Rest Mode
Due to Motion
TWUPP
12ms
Power Up Delay
TPUP
50
ms
Debounce Delay on
Button Inputs
TDBB
ms
“Maximum” specified at 8 ms
polling rate.
Scroll Wheel Sampling Period
TSW
150
200
300
s
ZA PIN
Transient Supply Current
IDDT
60
mA
Max. supply current during
a VDDA5 ramp from 0 to 5.0 V
with > 500
s rise time. Does
not include charging currents
for bypass capacitors.
USB Electrical Specifications
Electrical Characteristics over recommended operating conditions.
Parameter
Symbol
Minimum
Maximum
Units
Notes
Output Signal Crossover Voltage
VCRS
1.5
2.0
V
CL = 200 to 600 pF (see Figure 10)
Input Signal Crossover Voltage
VICRS
1.2
2.1
V
CL = 200 to 600 pF (see Figure 10)
Output High
VOH
2.8
3.6
V
with 15 k
 to Ground and 7.5 k to VBUS on
D- (see Figure 11)
Output Low
VOL
0.0
0.3
V
with 15 k
 to Ground and 7.5 k to VBUS on
D- (see Figure 11)
Single Ended Input
VSEI
0.8
V
Input High (Driven)
VIH
2.0
V
Input High (Floating)
VIHZ
2.7
3.6
V
Input Low
VIL
0.8
V
7.5 k
 to VDDA5
Differential Input Sensitivity
VDI
0.2
V
|(D+)-(D-)| See Figure 12
Differential Input Common
Mode Range
VCM
0.8
2.5
V
Includes VDI, See Figure 12
Single Ended Receiver Threshold
VSE
0.8
2.0
V
Transceiver Input Capacitance
CIN
12
pF
D+ to VBUS, D- to VBUS
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com