Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 25 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 25 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 29Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
25
Set_Address
Default:
Addressed:
Configured:
Notes:
00 05 xx 00 00 00 00 00
xx = new device address, from 00 to 7F
Accept
Accept
Accept (undefined in USB Spec)
Chip gets new address, but stays in “Configured” mode.
If device is not configured, the device will be given the new address and put in the addressed state
(or default if new address = 00). If the device is already configured, the device will be given the new
address state and remain configured.
Set_Configuration
Default:
Addressed:
Configured:
Notes:
00 09 xx 00 00 00 00 00
xx = 00 = not configured
xx = 01 = configured
Accept (undefined in USB Spec)
Accept
Accept
Invalid config values will cause stall. Chip will stall invalid value in configured mode, and leave device
in old (configured) mode.
Set_Interface
Default:
Addressed:
Configured:
Notes:
01 0B 00 00 00 00 00 00
Stall (undefined in USB Spec)
Stall
Accept
Mouse has only one valid interface (00) and alternate setting (00). Invalid values will cause stall. Chip
retains previous (valid) interface state after executing this command in configured mode even if invalid
values are given and command was stalled.
Set_Protocol
Default:
Addressed:
Configured:
Notes:
21 0B xx 00 00 00 00 00
xx = 00 = Boot protocol
xx = 01 = Report protocol
Accept (Not in USB Spec)
Accept (Not in USB Spec)
Accept
3 byte data packets will be reported in boot mode. These bytes are button, XX data, and YY data.
Set_Feature_Device
Default:
Addressed:
Configured:
Notes:
00 03 01 00 00 00 00 00
Accept (undefined in USB Spec)
Accept
Accept
This sets the remote wakeup bit.
Set_Feature_Endpt0
Default:
Addressed:
Configured:
Notes:
02 03 00 00 xx 00 00 00
02 03 00 00 00 00 00 00
02 03 00 00 80 00 00 00
xx = 00 = Endpt0 OUT
xx = 80 = Endpt0 IN
Stall (undefined in USB Spec)
Stall
Stall
This (tries to) sets the halt bit. The chip always stalls the status stage for this command. The chip never
reports the halt bit set for Endpt0 with the Get_Status_Endpt0 command, as any new SETUP command
will clear Endpt0 stall.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com