Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 30 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 30 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 34Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
30
DELTA_X_L
Address: 0x03
Access: Read
Reset Value: 0x00
Bit
76543210
Field
X7
X6
X5
X4
X3
X2
X1
X0
Data Type: Bit field.
USAGE: The value in this register reflects the last USB delta X (lower 8 bits) data output or data queued for output.
This register is included for test purposes only. For navigation use, use the HID defined commands. Data is 2’s
complement. Absolute value is determined by the currently set resolution.
Register 0x03 must be read before register 0x04 (Delta_Y_L) and 0x05 (Delta_XY_H)
DELTA_Y_L
Address: 0x04
Access: Read
Reset Value: 0x00
Bit
76543210
Field
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Data Type: Bit field.
USAGE: The value in this register reflects the last USB delta Y (lower 8 bits) data output or data queued for output.
This register is included for test purposes only.
Register 0x03 should be read before register 0x04 (Delta_Y_L) and
0x05 (Delta_XY_H), else Delta_Y_L will return 0. For navigation use, use the HID defined commands. Data is 2’
s
complement. Absolute value is determined by the currently set resolution.
DELTA_XY_H
Address: 0x05
Access: Read
Reset Value: 0x00
Bit
76543210
Field
X11
X10
X9
X8
Y11
Y10
Y9
Y8
Data Type: Bit field.
USAGE: The value in this register reflects the last USB delta X and Y (upper 4 bits) data output or data queued for output.
This register is included for test purposes only.
Register 0x03 should be read before register 0x04 (Delta_Y_L) and
0x05 (Delta_XY_H), else Delta_XY_H will return 0. For navigation use, use the HID defined commands. Data is 2’
s
complement. Absolute value is determined by the currently set resolution.
DZ
Address: 0x06
Access: Read
Reset Value: 0x00
Bit
76543210
Field
Z7
Z6
Z5
Z4
Z3
Z2
Z1
Z0
Data Type: Bit field.
USAGE: This register contains the Z-wheel count. Range is from -127 to 127 decimal.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com