Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 19 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 19 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 23Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
19
USB COMMAND DETAILS
USB_RESET
USB Spec:
Notes:
D+/D- low for an extended period
A device may reset after seeing an SE0 for more than 18.7 uS, and definitely after 10 mS.
After power up and prior to Reset, the device will not respond to any USB commands. After the device
has been given a USB Reset, the device’s address will be reset to zero and the device will be in the
Default state. The chip will default to Report protocol and any pending output will be flushed.
All registers will be reset to a state that matches power-on-reset with the following exceptions: USB
State register will be “Default” instead of “Attached”.
USB_SUSPEND
USB Spec:
Notes:
Idle state for an extended period
A device may suspend after seeing an idle for more than 3 mS, and definitely after 10 mS.
The chip will take a minimum of 5 mS to start Suspend, though will definitely start after 6 mS. The chip
may finish the current frame if necessary before stopping the clock. Thus, an additional frame time may
be used to reach Suspend mode.
USB_RESUME
USB Spec:
Notes:
Non-idle state
Remote Resume signalling from a device must be between 1 mS and 15 mS. The host is required to
send Resume signaling for 20 mS plus 10 mS of resume recovery time in which it does not access any
devices. This allows devices enough time to wake back up.
The chip can cause a Resume if Remote Wakeup is enabled and a button has been pressed. Remote
resume signalling from the chip will last 11.45 mS to 12.45 mS.
Get_Status_Device
Returns:
Default:
Addressed:
Configured:
Notes:
80 00 00 00 00 00 02 00
xx yy
xx[0] = Self Powered
xx[1] = Remote Wakeup
xx[7:2] = 0
yy = 00 (Reserved)
Accept (undefined in USB Spec)
Accept
Accept
Use Set_Feature_Device/Clear_Feature_Device to set/clear remote wakeup.
Get_Status_Interface
Returns:
Default:
Addressed:
Configured:
Notes:
81 00 00 00 00 00 02 00
00 00
Stall (undefined in USB Spec)
Stall
Accept
Both return bytes are reserved and currently 00.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com