Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 14 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 14 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 18Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
14
One-Time-Programmable (OTP) Memory
The on chip OTP memory allows device configuration flex-
ibility to override the default setting of sensors without
any external software driver. Once the OTP operation
is enabled, all OTP registers must be programmed
accordingly as the default values of un-program OTP
registers are always zero when L1_USE_OTP register
setting is not zero value. Tips: OTP write to the OTP register
can be skipped if the setting is zero value (0x00) in order
to save the OTP programming time.
OTP address space is from 0xDF to 0xE8. OTP can be pro-
grammed via USB interface using Set Vendor Test and Get
Vendor Test commands.
Figure 16. OTP Byte Write Flow Chart
Yes
Yes
Yes
No
No
No
No
0x51: REGA_OTP_CONFIG[0]=1
0x52: REGA_OTP_ADDR[7:0]
0x53: REGA_OTP_DATA[7:0]
0x54: REGA_OTP_CTRL[0]=1
0x54: REGA_OTP_CTRL[0]
0x58: REGA_OTP_CTRLSTAT[0]
bit = 0?
bit = 1?
more
bytes?
Done
Read OTP program bit
read otp status bit
OTP write pass
repeat = 1
Write OTP address byte
Write OTP data byte
Write OTP program bit
Start
Write OTP enable bit
repeat = repeat + 1
repeat = 10?
OTP write fail
Bad Chip
OTP Byte Write Operation
OTP write operation flow chart is shown in Figure 16.
1. Set OTP Clock enable bit in OTP_CLOCK register, 0x42:
OTP_CLOCK_EN = 1.
2. Set OTP enable bit in OTP_CONFIG register, 0x51: OTP_
EN = 1.
3. Write the OTP register address byte to OTP_ADDR
register, 0x52.
4. Write the OTP data byte to OTP_DATA register, 0x53.
5. Set write enable bit in OTP_CTRL register, 0x54 to
enable write command to OTP: WR = 1.
6. Read the write enable bit status in OTP_CTRL register,
0x54. If WR = 1, repeat reading the bit status until it is
clear.
7. Read the write status bit in OTP_CTRLSTAT register,
0x58.
a. If WR_OK = 1, OTP write operation is completed.
Repeat Step 2 for more OTP byte write operations.
b. If WR_OK = 0, repeat Step 4.
8. If Step 6b is repeated up to 10 times, OTP write operation
is failed and the chip is confirmed as defective unit.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com