Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 35 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 35 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 36Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 37Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 38Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
35
OTP_CRTL
Address: 0x54
Type: Device
Access: Read/Write
Reset Value: 0x00
Bit
7
6543210
Field
Reserved
Reserved
Reserved
Reserved
LOCK_L1
Reserved
RD
WR
Data Type: Bit field.
USAGE: This register controls the read, write and lock commands of OTP. The commands are auto clear for status check.
Refer to OTP programming section.
Field Name
Description
WR
Enable write command to OTP
1 = Write to OTP
0 = Write command is completed
RD
Enable read command to OTP
1 = Read from OTP
0 = Data is ready to be read from OTP_DATA register
LOCK_L1
Enable OTP lock command
1 = Lock OTP space
0 = Lock command is completed
OTP_RUNSTAT
Address: 0x56
Type: Device
Access: Read only
Reset Value: Undefined
Bit
7
6543210
Field
Reserved
Reserved
Reserved
Reserved
Reserved
L1_
CHECKED
L1_
LOCKED
L1_USED
Data Type: Bit field.
USAGE: This register shows the OTP run status. Refer to OTP programming section.
Field Name
Description
L1_USED
OTP space status
1 = Used
0 = Unused
L1_LOCKED
OTP space locking status
1 = Locked
0 = Open
L1_CHECKED
OTP status check
1 = Checked
0 = Unchecked
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com