Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Notes
Storage Temperature
TS
-40
85
C
Operating Temperature
TA
-15
55
C
Lead Solder Temperature
260
C
For 10 seconds, 1.6 mm below seating plane.
Supply Voltage
VDDA5
-0.5
5.5
V
ESD
2
kV
All pins, human body model JESD22-A114
Input Voltage
VIN
-0.5
VDDA5 +0.5
V
All I/O pins except D+, D-
-1.0
4.6
V
D+, D-, AC waveform,
see USB specification (7.1.1)
Input Short Circuit Voltage
VSC
0VDDA5
V
D+, D-, see USB specification (7.1.1)
Recommended Operating Condition
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Operating Temperature
TA
040
C
Power Supply Voltage
VDDA5
4.25
5.0
5.25
V
For accurate navigation and
proper USB operation
Vddm
4.0
5.0
5.25
V
Maintains communication to
USB host and internal register
contents.
Power Supply Rise Time
VRT
0.1
6
ms
Supply Noise
VN
100
mV
Peak to peak within 0-100
MHz bandwidth
Velocity
Vel
30
ips
Acceleration
Acc
8
g
0.5 g from Rest
Serial Port Clock Frequency
fSCLK
1
MHz
50% duty cycle
Distance from Lens Reference
Plane to Surface
Z
2.3
2.4
2.5
mm
See Figure 9
Light Level onto IC
IRRINC
80
25000
MW/m2
 = 639 nm
Frame Rate
2400
fps
Internally adjusted by sensor
Regulatory Requirements
 Passes FCC B and worldwide analogous emission limits when assembled into a mouse with shielded cable and
following
Pixart recommendations.
 Passes EN61000-4-4/IEC801-4 EFT tests when assembled into a mouse with shielded cable and following Pixart
recommendations.
 UL flammability level UL94 V-0.
 Provides sufficient ESD creepage/clearance distance to withstand discharge up to 8 kV when assembled into a mouse
with trim lens according to usage instructions above.
Sensor
Lens
Z
Object Surface
Figure 9. Distance from lens reference plane to object surface
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com