Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 29 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 29 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 33Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
29
PROD_ID
Address: 0x00
Type: Device
Access: Read only
Reset Value: 0x2b
Bit
76543210
Field
PID7
PID6
PID5
PID4
PID3
PID2
PID1
PID0
Data Type: 8-bit number with the product identifier.
USAGE: The value in this register does not change; it can be used to verify that the sensor communications link is OK.
REV_ID
Address: 0x01
Type: Device
Access: Read only
Reset Value: 0x01
Bit
76543210
Field
RID7
RID6
RID5
RID4
RID3
RID2
RID1
RID0
Data Type: 8-bit number with current revision of the IC.
USAGE: This register contains the IC revision. It is subject to change when new IC versions are released.
BUT_STAT
Address: 0x02
Type: Device
Access: Read only
Reset Value: Undefined
Bit
7
6543210
Field
Reserved
Reserved
Reserved
Reserved
Reserved
BUT3
BUT2
BUT1
Data Type: Bit field.
USAGE: This register is included for test purposes only. For navigation use, use the USB HID defined commands. The
button status bits reported are for the debounce signals.
Field Name
Description
BUT3
Reports the status of B3
0 = Open
1 = Button Pressed
BUT2
Reports the status of B2
0 = Open
1 = Button Pressed
BUT1
Reports the status of B1
0 = Open
1 = Button Pressed
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com