Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 20Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
16
Buttons
The minimum time between button pressed is TDBB. The
button connection is described in Figure 19
R7
30 k
R10
15 k
R11
6.8 k
BL
BR
BM
SW
Pin
Note: Use only 1%
tolerance resistors
Figure 19. Button connections
Debounce Algorithm
 Button inputs B1, B2, and B3 are sampled every 6ms.
 Two consecutive low values create a button press
event.
 Three consecutive high values create a button release
event.
Configuration after Power up (Data Values)
Signal
Function
State from Figure 9-1 of USB spec:
Powered or Default Address or Configured
State from Figure 9-1 of USB spec:
Suspended from Any Other State
SW
Output voltage at 1.16 V (Typ)
Output voltage at 2.7 V (Typ)
D-
USB I/O
Hi-Z Input
D+
USB I/O
Hi-Z Input
XY_LED
Always ON / Pulsing
Pulled HIGH (OFF)
ZB
Hi-Z Input
Output HIGH
ZA
Hi-Z Input
Output HIGH
Typical Performance Characteristics
Performance Characteristics over recommended operating conditions. Typical values at 25° C, VDD = 5.0 V, 24 MHz
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Path Error
(Deviation)
PError
0.5
%
Average path error as percent of total 2.5” travel on
various standard surfaces
The following graphs are the typical performance of the sensor, assembled as shown in the 2D assembly drawing with
trim lens, clip, and LED.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com