Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 31 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 31 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 35Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
31
SQUAL
Address: 0x07
Access: Read
Reset Value: 0x00
Bit
76543210
Field
SQ7
SQ6
SQ5
SQ4
SQ3
SQ2
SQ1
SQ0
Data Type: Eight bit number.
USAGE: SQUAL is a measure of the number of features visible by the sensor in the current frame. The maximum value is
128. Since small changes in the current frame can result in changes in SQUAL, slight variations in SQUAL on one
surface is expected.
SHUT_HI
Address: 0x08
Type: Device
Access: Read only
Reset Value: 0x00
Bit
76543210
Field
S15
S14
S13
S12
S11
S10
S9
S8
SHUT_LO
Address: 0x09
Type: Device
Access: Read only
Reset Value: 0x64
Bit
76543210
Field
S7
S6
S5
S4
S3
S2
S1
S0
Data Type: 16-bit number.
USAGE: The combination of SHUT_HI and SHUT_LO is a 16-bit number. This is the number of clocks the shutter was
open for the last image taken. The unit is in main clock count (nominally 12MHz). To avoid split read issues, read
SHUT_Hi first.
PIX_MAX
Address: 0x0A
Type: Device
Access: Read only
Reset Value: 0x00
Bit
76543210
Field
0
MX6
MX5
MX4
MX3
MX2
MX1
MX0
Data Type: Eight bit number.
USAGE: This is the maximum pixel value from the last image taken.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com