Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2710 Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
USB Timing Specifications
Timing Specifications over recommended operating conditions.
Parameter
Symbol
Minimum
Maximum
Units
Notes
D+/D- Transition rise time
TLR
75
ns
CL = 200 pF (10% to 90%), see Figure 10
D+/D- Transition rise time
TLR
300
ns
CL = 600 pF (10% to 90%), see Figure 10
D+/D- Transition fall time
TLF
75
ns
CL = 200 pF (90% to 10%), see Figure 10
D+/D- Transition fall time
TLF
300
ns
CL = 600 pF (90% to 10%), see Figure 10
Rise and Fall time matching
TLRFM
80
125
%
TR/TF; CL = 200 pF; Excluding the first
transition from the Idle State
Wakeup delay from USB
suspend mode due to
buttons push
TWUPB
17
ms
Delay from button push to USB operation
Only required if remote wakeup enabled
Wakeup delay from USB
suspend mode due to buttons
push until accurate navigation
TWUPN
50
ms
Delay from button push to navigation
operation. Only required if remote wakeup
enabled
USB reset time
Treset
18.7
s
Data Rate
tLDRATE
1.4775
1.5225
Mb/s
Average bit rate, 1.5 Mb/s +/- 1.5%
Receiver Jitter Tolerance
tDJR1
-75
75
ns
To next transition, see Figure 13
Receiver Jitter Tolerance
tDJR2
-45
45
ns
For paired transitions, see Figure 13
Differential to EOP
Transition Skew
tLDEOP
-40
100
ns
See Figure 14
EOP Width at Receiver
tLEOPR
670
ns
Accepts EOP, see Figure 14
Source EOP Width
tLEOPT
1.25
1.50
s
Width of SE0 interval during
Differential Transition
tLST
210
ns
See Figure 11.
Differential Output Jitter
tUDJ1
-95
95
ns
To next transition, see Figure 15
Differential Output Jitter
tUDJ2
-150
150
For paired transitions, see Figure 15
Figure 10. Data Signal Rise and Fall Times
VCRS
10%
10%
90%
90%
TLR
Rise Time
TLF
Fall Time
VOL
VOH
D+
D
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com