Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 128 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 128 Page - ams AG

Back Button AS3658_07 Datasheet HTML 124Page - ams AG AS3658_07 Datasheet HTML 125Page - ams AG AS3658_07 Datasheet HTML 126Page - ams AG AS3658_07 Datasheet HTML 127Page - ams AG AS3658_07 Datasheet HTML 128Page - ams AG AS3658_07 Datasheet HTML 129Page - ams AG AS3658_07 Datasheet HTML 130Page - ams AG AS3658_07 Datasheet HTML 131Page - ams AG AS3658_07 Datasheet HTML 132Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 158 page
background image
Table 136. Interrupt mask 3 Register
Addr:49
Interrupt Mask3
These bits mask the interrupt
Bit
Bit Name
Default
Access
Description
Table 137. Low voltage status1 Register1
Addr:53
Low voltage status1
These bits show the low voltage status of the step down and digital
regulators
Bit
Bit Name
Default
Access
Description
www.austriamicrosystems.com
Revision 1v13
127 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
0
dig3_lv_int_m
1b
R/W
0
Interrupt is enabled
1
Interrupt is disabled
1
dig4_lv_int_m
1b
R/W
0
Interrupt is enabled
1
Interrupt is disabled
2
rtc_alarm_int_m
1b
R/W
0
Interrupt is enabled
1
Interrupt is disabled
3
rtc_rep_int_m
1b
R/W
0
Interrupt is enabled
1
Interrupt is disabled
4
mic_con_int_m
1b
R/W
0
Interrupt is enabled
1
Interrupt is disabled
5
mic_rem_int_m
1b
R/W
0
Interrupt is enabled
1
Interrupt is disabled
6
voxm_intm
1b
R/W
0
Interrupt is enabled
1
Interrupt is disabled
7
tpen_i_m
1b
R/W
0
Interrupt is enabled
1
Interrupt is disabled
0
sd1_lv
NA
R
Step down1 low voltage status bit (-10% voltage drop)
1
sd2_lv
NA
R
Step down2 low voltage status bit (-10% voltage drop)
2
sd3_lv
NA
R
Step down3 low voltage status bit (-10% voltage drop)
3
dig1_lv
NA
R
Ldo Dig1 low voltage status bit (-50mV voltage drop)
4
dig2_lv
NA
R
Ldo Dig2 low voltage status bit (-50mV voltage drop)
5-
-
-
-
6
stpup1_oc
NA
R
Bit is set by analog part, if overcurrent of DCDC
StepUp1 occurs for more than 5msec (latched state)
7
stpup1_det
NA
R
Current Detection signal of step up 1
Table 138. Low voltage status2 Register1
Addr:54
Low voltage status2
These bits show the low voltage status of the step down and digital
regulators
Bit
Bit Name
Default
Access
Description
0
dig3_lv
0b
R
Ldo Dig3 low voltage status bit (-50mV voltage drop)
1
dig4_lv
0b
R
Ldo Dig4 low voltage status bit (-50mV voltage drop)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com