Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 125 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 125 Page - ams AG

Back Button AS3658_07 Datasheet HTML 121Page - ams AG AS3658_07 Datasheet HTML 122Page - ams AG AS3658_07 Datasheet HTML 123Page - ams AG AS3658_07 Datasheet HTML 124Page - ams AG AS3658_07 Datasheet HTML 125Page - ams AG AS3658_07 Datasheet HTML 126Page - ams AG AS3658_07 Datasheet HTML 127Page - ams AG AS3658_07 Datasheet HTML 128Page - ams AG AS3658_07 Datasheet HTML 129Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
124 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
10.3
Interrupt Controller
The interrupt controller generates an interrupt request for the host controller as soon as one or more of the bits in the
Interrupt 1…3 register is set by pulling low pin XINT. All the interrupt sources can be enabled in the Interrupt Mask 1…3
register. The Interrupt 1…3 registers are cleared automatically after the host controller has read them. To prevent the
AS3658 device from losing an interrupt event, the register that is read is captured before it is transmitted to the host
controller via the serial interface. As soon as the transmission of the captured value is complete a logical AND
operation with the bit wise inverted captured value is applied to the register to clear all interrupt bits that have already
been transmitted. Clearing the read interrupt bits takes 2 clock cycles, a read access to the same register before the
clearing process has completed will yield a value of ‘0’. Note that an interrupt that has been present at the previous
read access will be cleared as well in case it occurs again before the clearing process has completed.
During a read access to one of the interrupt registers the XINT pin will be released. As soon as the transferred bits of
the interrupt register have been cleared the XINT pin will be pulled low in case a new interrupt has occurred in the
meantime. By doing so the interrupt controller will work correctly with host controllers that are edge- and level-sensitive
on their interrupt request input. Multiple byte read access is recommended to avoid reading the Interrupt 1 register
over and over again in response to a new interrupt that has occurred in the same register (and thus pulling low pin
XINT) before the Interrupt 2,3 register has been read.
Table 131. Interrupt Status 1 Register
Addr:50
Interrupt Status1
These bits show the status of the interrupts
register is reset at power-on-reset and after each read access
Bit
Bit Name
Default
Access
Description
0
chstate_i
NA
R
Bit is set when the following status bits are set or reset:
Trickle, CVM, NoBat
1
cheoc_i
NA
R
Bit is set when the EOC status bits are set or reset:
2
charging_tmax_i
NA
R
Bit is set when charge timeout ( tricke, CV, CC) has
been expired
3
usb_chdet_i
NA
R
Bit is set when the USB_ChDet Bit is set or reset.
4
chdet_i
NA
R
Bit is set when the ChDet Bit is set or reset.
5
Onkey_i
NA
R
Bit is set when status XON bit is set or reset.
6
ovtmp_i
NA
R
Bit is set when the lower temperature threshold
Temp110 of the temperature sensor is exceeded for
longer than tRESMASK.
7
Lowsup
NA
R
Bit is set when the main supply voltage VSUPPLY has
dropped below VRESFALL for longer than tRESMASK.
Table 132. Interrupt Status 2 Register
Addr:51
Interrupt Status2
These bits show the status of the interrupts
register is reset at power-on-reset and after each read access
Bit
Bit Name
Default
Access
Description
0
sd1_lv_i
NA
R
Bit is set when voltage of step down1 drops below low
voltage threshold (1msec debounce timer)
1
sd2_lv_i
NA
R
Bit is set when voltage of step down2 drops below low
voltage threshold
(1msec debounce timer)
2
sd3_lv_i
NA
R
Bit is set when voltage of step down3 drops below low
voltage threshold
(1msec debounce timer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com