Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 122 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 122 Page - ams AG

Back Button AS3658_07 Datasheet HTML 118Page - ams AG AS3658_07 Datasheet HTML 119Page - ams AG AS3658_07 Datasheet HTML 120Page - ams AG AS3658_07 Datasheet HTML 121Page - ams AG AS3658_07 Datasheet HTML 122Page - ams AG AS3658_07 Datasheet HTML 123Page - ams AG AS3658_07 Datasheet HTML 124Page - ams AG AS3658_07 Datasheet HTML 125Page - ams AG AS3658_07 Datasheet HTML 126Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
121 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
6:3
reset_reason
NA
R
Flags to indicate to the software the reason for the last
reset
0000
VPOR has been reached (battery or charger
insertion from scratch)
0001
VRESETFALLING was reached (battery voltage
drop below 2.75V)
0010
software forced by force_reset
0011
software forced by power_off and XON was
pulled low
0100
software forced by power_off and charger was
detected
0101
external triggered through the pin RESET
0110
reset caused by overtemperature T140
0111
reset caused by watchdog
1000
reset caused by 5 seconds on press
1001
reset caused by rtc_alarm register
1010
reset caused by rtc repeated wakeup
1011
reset caused by interrupt in standby mode
1100
reset caused by XON pulled low in standby
mode
7
Onkey_reset_5s
1
R/W
0
Reset after 5 seconds ON pressed disabled
1
Reset after 5 seconds ON pressed enabled
Table 127. Internal references Bit definitions
Addr:59
Internal references Bit definitions
These bits control the internal reference mode and internal clk
frequency
Bit
Bit Name
Default
Access
Description
4
standby_mode_on
0
W
Setting to ‘1’ sets the AS3658 into standby mode. All
regulators defined in reg.17h “Reg Power1Ctrl” and
reg.1Eh “Reg Power2 Ctrl are disabled except those
regulators enabled by reg.81h “Reg standby mode”.
XRESET will be pulled to low. A normal startup of all
regulators will be done with any interrupt (has to be
enabled before entering standby mode). During this
startup, regulators defined by Reg standby mode
register are continuously on.
5
Clk_div2
0
R/W
Divide internal clock oscillator by 2 to reduce
quiescent current for low power operation
0
Normal mode
1
Internal clock frequency divided by two. All
timings are increased by two. Switching
frequency of all DCDC converters are divided
by two. Reduced transient performance of
DCDC converters.
Table 126. Reset Control Register
Addr:105
Reset Control
These bits control the power off mode and reset timer
Bit
Bit Name
Default
Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com