Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 121 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 121 Page - ams AG

Back Button AS3658_07 Datasheet HTML 117Page - ams AG AS3658_07 Datasheet HTML 118Page - ams AG AS3658_07 Datasheet HTML 119Page - ams AG AS3658_07 Datasheet HTML 120Page - ams AG AS3658_07 Datasheet HTML 121Page - ams AG AS3658_07 Datasheet HTML 122Page - ams AG AS3658_07 Datasheet HTML 123Page - ams AG AS3658_07 Datasheet HTML 124Page - ams AG AS3658_07 Datasheet HTML 125Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
120 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
10.2.2 Reset Control Bits
Table 125. Reset Timer Register
Addr:22
Reset Timer
These bits control the reset timer and XON enable register
Bit
Bit Name
Default
Access
Description
2:0
res_timer
ROM
R/W
Set RESTIME
000
RESTIME=10ms
001
RESTIME=20ms
010
RESTIME=35ms
011
RESTIME=50ms
100
RESTIME=65ms
101
RESTIME=80ms
110
RESTIME=95ms
111
RESTIME=110ms
3
xon_enable
ROM
R/W
This flag enables the XON pad and sets the power on
state of the ASIC
0
XON pad disabled. Startup of chip; if
VBAT>VRESETRISING
1
XON pad enabled. Startup of chip; if
VBAT>VRESETRISING and XON=0
Table 126. Reset Control Register
Addr:105
Reset Control
These bits control the power off mode and reset timer
Bit
Bit Name
Default
Access
Description
0
force_reset
0b
R/W
Setting to ‘1’ starts a complete reset cycle
1
power_off
0b
R/W
Setting to ‘1’ starts a reset cycle, but waits after the
Reg_off state for a falling edge on the pin XON or until
the charger is detected
2
xon_input
NA
R/W
Read:This flag represents the state of the XON pad
directly
Write: Setting to '1' resets the 5 sec. Onkey reset timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com