Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 155 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 155 Page - ams AG

Back Button AS3658_07 Datasheet HTML 150Page - ams AG AS3658_07 Datasheet HTML 151Page - ams AG AS3658_07 Datasheet HTML 152Page - ams AG AS3658_07 Datasheet HTML 153Page - ams AG AS3658_07 Datasheet HTML 154Page - ams AG AS3658_07 Datasheet HTML 155Page - ams AG AS3658_07 Datasheet HTML 156Page - ams AG AS3658_07 Datasheet HTML 157Page - ams AG AS3658_07 Datasheet HTML 158Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 155 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
154 - 157
AS3658
Data Sheet Confidential - Package Drawings and Marking
12 Package Drawings and Marking
Figure 61. CTBGA124 8x8 0.5mm pitch
TOP VIEW
BOTTOM VIEW
(124 SOLDER BALLS )
SIDE VIEW
Dimension & Tolerance
ASME Y14.5M
Unit : mm
Customer : AMS
COMPANY
SHEET
ASE KOREA
1 OF 2
ASE
PACKAGE
OUTLINE
Advanced
Semiconductor
Engineering Korea, Inc.
DATE
ISSUE
DWG NO.
OCT.010, 2007
97SPP01046A
O
NOTE
1. GENERAL TOLERANCE : ± 0.10
TITLE : POD for FBGA 8mm X 8mm X 1.09mm,
2L, 0.65CAP, 124BGA, 0.50PITCH, 0.30BALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com