Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 14Page - Texas Instruments LM3554 Datasheet HTML 15Page - Texas Instruments LM3554 Datasheet HTML 16Page - Texas Instruments LM3554 Datasheet HTML 17Page - Texas Instruments LM3554 Datasheet HTML 18Page - Texas Instruments LM3554 Datasheet HTML 19Page - Texas Instruments LM3554 Datasheet HTML 20Page - Texas Instruments LM3554 Datasheet HTML 21Page - Texas Instruments LM3554 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
=
IN x
V
(
)
IN
OUT - V
V
L
I
'
OUT
SW
V
x
L
x
f
x
2
(
)
IN
L
PEAK
V
x
x
I
I
K
- '
LOAD =
I
OUT
V
LM3554
SNVS549A – JUNE 2009 – REVISED APRIL 2011
www.ti.com
VOLTAGE OUTPUT MODE
Bit 2 (VM) of the Torch Brightness Register, bit 2 (VM) of the Flash Brightness Register, or the ENVM input
enables or disables the Voltage Output mode. In Voltage Output mode the device operates as a simple boost
converter with two selectable voltage levels (4.5V and 5V). Write a (1) to bit 1 (OV) of Configuration Register 1 to
set VOUT to 5V. Write a (0) to this bit to set VOUT to 4.5V. In Voltage Output mode the LED current sources can
continue to operate; however, the difference between VOUT and VLED will be dropped across the current sources.
(See MAXIMUM OUTPUT POWER section.) In Voltage Output mode when VIN is greater than VOUT the LM3554
operates in Pass Mode (see PASS MODE section).
At light loads the LM3554 switches over to a pulsed frequency mode operation (light load comparator enabled).
In this mode the device will only switch as necessary to maintain VOUT within regulation. This mode provides a
better efficiency due to the reduction in switching losses which become a larger portion of the total power loss at
light loads.
OVER-VOLTAGE PROTECTION
The output voltage is limited to typically 5.6V (5.7V max). In situations such as the current source open, the
LM3554 will raise the output voltage in order to try and keep the LED current at its target value. When VOUT
reaches 5.6V the over-voltage comparator will trip and turn off both the internal NFET and PFET. When VOUT
falls below 5.4V (typical), the LM3554 will begin switching again.
CURRENT LIMIT
The LM3554 features 4 selectable current limits: 1A, 1.5A, 2A, and 2.5A. These are selectable through the I2C-
compatible interface via bits 5 (CL0) and 6 (CL1) of the Flash Duration Register. When the current limit is
reached, the LM3554 stops switching for the remainder of the switching cycle.
Since the current limit is sensed in the NMOS switch there is no mechanism to limit the current when the device
operates in Pass Mode. In situations where there could potentially be large load currents at OUT, and the
LM3554 is operating in Pass mode, the load current must be limited to 2.5A. In Boost mode or Pass mode if
VOUT falls below approximately 2.3V, the part stops switching, and the PFET operates as a current source
limiting the current to typically 350mA. This prevents damage to the LM3554 and excessive current draw from
the battery during output short circuit conditions.
MAXIMUM LOAD CURRENT (VOLTAGE MODE)
Assuming the power dissipation in the LM3554 and the ambient temperature are such that the device will not hit
thermal shutdown, the maximum load current as a function of IPEAK is:
(1)
Where
η is efficiency and is found in the efficiency curves in the Typical Performance Characteristics and
(2)
Figure 3 shows the theoretical maximum Output current vs theoretical Efficiency at different input and output
voltages using the previous two equations for
ΔIL and ILOAD with a peak current of 2.5A. This plot represents the
theoretical maximum output current (for the LM3554 in Voltage Output mode) that the device can deliver just
before hitting current limit.
18
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com