Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 13Page - Texas Instruments LM3554 Datasheet HTML 14Page - Texas Instruments LM3554 Datasheet HTML 15Page - Texas Instruments LM3554 Datasheet HTML 16Page - Texas Instruments LM3554 Datasheet HTML 17Page - Texas Instruments LM3554 Datasheet HTML 18Page - Texas Instruments LM3554 Datasheet HTML 19Page - Texas Instruments LM3554 Datasheet HTML 20Page - Texas Instruments LM3554 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
LM3554
www.ti.com
SNVS549A – JUNE 2009 – REVISED APRIL 2011
In Voltage Output mode the LM3554 operates as a voltage output boost converter with selectable output
voltages of 4.5V and 5V. In this mode the LM3554 is able to deliver up to typically 5W of output power. At light
loads and in Voltage Output mode the PWM switching converter changes over to a pulsed frequency regulation
mode and only switches as necessary to ensure proper LED current or output voltage regulation. This allows for
improved light load efficiency compared to converters that operate in fixed-frequency PWM mode at all load
currents.
Additional features of the LM3554 include 4 logic inputs, an internal comparator for LED thermal sensing, and a
low-power indicator LED current source. The STROBE input provides a hardware Flash mode enable. The
ENVM/TX2/GPIO2 input is configurable as a hardware Voltage Output mode enable (ENVM), an active high
Flash interrupt that forces the device from FLASH mode to a low-power TORCH mode (TX2), or as a
programmable logic input/output (GPIO2). The TX1 input is configurable as an active high Flash interrupt that
forces the device from FLASH mode to a low-power TORCH mode (TX1), as a hardware Torch mode enable
(TORCH), or as a programmable logic input/output (GPIO1) . The HWEN input provides for an active low
hardware shutdown of the device. Finally, the LEDI/NTC pin is configurable as a low-power indicator LED driver
(LEDI), or as a threshold detector for thermal sensing (NTC). In NTC mode when the threshold (VTRIP) at the
LEDI/NTC pin is crossed (VLEDI/NTC falling), the Flash pulse is forced to the Torch current setting, or into
shutdown depending on the NTC Shutdown bit setting .
Control of the LM3554 is done via an I2C-compatible interface. This includes switch-over from LED to Voltage
Output mode, adjustment of the LED current in TORCH mode, adjustment of the LED current in FLASH mode,
adjustment of the indicator LED currents, changing the flash LED current duration, changing the switch current
limit. Additionally, there are 5 flag bits that can be read back indicating flash current timeout, over-temperature
condition, LED failure (open or short), LED thermal failure, and an input voltage fault.
STARTUP
Turn on of the LM3554 is done through bits [2:0] of the Torch Brightness Register (0xA0), bits [2:0] of the Flash
Brightness Register (0xB0), the ENVM input, or the STROBE input. Bits [1:0] of the Torch Brightness Register or
Flash Brightness Register enables/disables the current sources (LED1, LED2, and LEDI). Bit [2] enables/disables
the voltage output mode. A logic high at STROBE enables Flash mode. A logic high on the ENVM input forces
the LM3554 into Voltage Output mode.
On startup, when VOUT is less than VIN the internal synchronous PFET turns on as a current source and delivers
typically 350mA to the output capacitor. During this time all current sources (LED1, LED2, and LEDI) are off.
When the voltage across the output capacitor reaches 2.2V, the current sources can turn on. At turn-on the
current sources step through each FLASH or TORCH level until the target LED current is reached (16 µs/step).
This gives the device a controlled turn-on and limits inrush current from the VIN supply.
PASS MODE
Once the Output voltage charges up to VIN - 150mV the LM3554 will decide if the part operates in Pass Mode or
Boost mode. If the voltage difference between VOUT and VLED is less than 300mV, the device will transition in
Boost Mode. If the difference between VOUT and VLED is greater than 300mV, the device will operate in Pass
Mode. In Pass Mode the boost converter stops switching, and the synchronous PFET turns fully on bringing VOUT
up to VIN – IIN×RPMOS (RPMOS = 150mΩ). In Pass Mode the inductor current is not limited by the peak current
limit. In this situation the output current must be limited to 2.5A.
LIGHT LOAD DISABLE
Configuration Register 1 bit [0] = 1 disables the light load comparator. With this bit set to 0 (default) the light load
comparator is enabled. Light Load mode only applies when the LM3554 is active in Voltage Output mode. In LED
mode the Light Load Comparator is always disabled. When the light load comparator is disabled the LM3554 will
operate at a constant frequency down to ILOAD = 0. Disabling light load can be useful when a more predictable
switching frequency across the entire load current range is desired.
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com