Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 15Page - Texas Instruments LM3554 Datasheet HTML 16Page - Texas Instruments LM3554 Datasheet HTML 17Page - Texas Instruments LM3554 Datasheet HTML 18Page - Texas Instruments LM3554 Datasheet HTML 19Page - Texas Instruments LM3554 Datasheet HTML 20Page - Texas Instruments LM3554 Datasheet HTML 21Page - Texas Instruments LM3554 Datasheet HTML 22Page - Texas Instruments LM3554 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
2
LED
1
LED
LED
I
+
I
=
I
LOAD =
I
IND
LED
I
+
I
OUT +
I
x ILED
I
x
IND
)
- V
IND
(
+ VOUT
R
x
PFET
I
x
2
LOAD
¹
·
©
§
=
P
DISS
©
§
V
2
IN
) x
- V
IN
(V
OUT
V
OUT
+
R
x
NFET
I
x
2
LOAD
¹
·
VOUT
V
IN
)
- V
LED
(V
OUT
+
IND
2
LED
1
LED
P
N
DISS
P
+
P
+
P
+
P
+
P
=
P
Maximum Output Current vs Efficiency
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
VIN = 3.6V, VOUT = 4V
VIN = 3V, VOUT = 4V
VIN = 3.6V, VOUT = 5V
VIN = 2.5V, VOUT = 4V
VIN = 3V, VOUT = 5V
VIN = 2.5V, VOUT = 5V
Efficiency (P
OUT /PIN )
(IPEAK = 2.5A)
LM3554
www.ti.com
SNVS549A – JUNE 2009 – REVISED APRIL 2011
Figure 3. LM3554 Maximum Output Current
MAXIMUM OUTPUT POWER
Output power is limited by three things: the peak current limit, the ambient temperature, and the maximum power
dissipation in the package. If the LM3554’s die temperature is below the absolute maximum rating of +125°C, the
maximum output power can be over 6W. However, any appreciable output current will cause the internal power
dissipation to increase and therefore increase the die temperature. This can be additionally compounded if the
LED current sources are operating while the device is in Voltage Output mode since the difference between VOUT
and VLED is dropped across the current sources. Any circuit configuration must ensure that the die temperature
remains below +125°C taking into account the ambient temperature derating.
Maximum Output Power (Voltage Output Mode)
In Voltage Output mode the total power dissipated in the LM3554 can be approximated as:
(3)
PN is the power lost in the NFET, PP is the PFET power loss, PLED1, PLED2, and PIND are the losses across the
current sinks. An approximate calculation of these losses gives:
(4)
The above formulas consider the average current through the NFET and PFET. The actual power losses will be
higher due to the RMS currents and the quiescent power into IN. These, however, can give a decent
approximation.
Maximum Output Power (Led Boost Mode)
In LED mode with VOUT > VIN the LM3554’s boost converter will switch and make VOUT = VLED + 0.3V. In this
situation the total power dissipated in the LM3554 is approximated as:
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com