Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 16Page - Texas Instruments LM3554 Datasheet HTML 17Page - Texas Instruments LM3554 Datasheet HTML 18Page - Texas Instruments LM3554 Datasheet HTML 19Page - Texas Instruments LM3554 Datasheet HTML 20Page - Texas Instruments LM3554 Datasheet HTML 21Page - Texas Instruments LM3554 Datasheet HTML 22Page - Texas Instruments LM3554 Datasheet HTML 23Page - Texas Instruments LM3554 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
.
C
°
8
.
80
=
C
°
25
+
W
C
°
60
x
W
93
.
0
=
TJ
mW
930
=
mW
14
+
mW
420
+
mW
357
+
mW
139
=
PDISS
]
2
LED
1
LED
LED
I
+
I
=
I
IND
LED
LOAD
I
+
I
=
I
)
IND
I
x
IND
- V
LOAD
PFET
I
x
- R
(
IN
V
LED +
I
x
)
LED
- V
LOAD
I
x
PFET
- R
(
IN
V
[
PFET
2
LOAD
DISS
+
R
x
I
=
P
2
LED
1
LED
LED
I
+
I
=
I
LOAD =
I
IND
LED
I
+
I
I
x
IND
)
- V
IND
R
x
PFET
I
x
2
LOAD
+
R
x
NFET
I
x
2
LOAD
¹
·
) x
+ 0.3V - V
IN
=
P
DISS
(V
LED
©
§
+ 0.3V
V
LED
)
V
2
IN
VLED + 0.3V
V
IN
¹
·
©
§
(
+
I
+ 0.3V x
LED
VLED + 0.3V
LM3554
SNVS549A – JUNE 2009 – REVISED APRIL 2011
www.ti.com
Figure 4. Equation 1
Maximum Output Power (Led Pass Mode)
In LED mode with VIN – ILOAD × RPFET > VLED + 0.3V, the LM3554 operates in Pass Mode. In this case. the NFET
is off, and the PFET is fully on. The difference between VIN - ILOAD×RPMOS and VLED will be dropped across the
current sources. In this situation the total power dissipated in the LM3554 is approximated as:
Figure 5. Equation 2
Once the total power dissipated in the LM3554 is calculated the ambient temperature and the thermal resistance
of the 16-bump micro SMD (TMD16) are used to calculate the total die temperature (or junction temperature TJ).
As an example, assume the LM3554 is operating at VIN = 3.6V and configured for Voltage Output mode with
VOUT = 5V and IOUT = 0.7A. The LED currents are then programmed in Torch mode with 150mA each at VLED =
3.6V. Additionally, the indicator LED has 10mA at VIND = 3.6V. Using Equations 1 and 2 above, the approximate
total power dissipated in the device is:
(5)
The die temperature approximation will be:
(6)
In this case the device can operate at these conditions. If then the ambient temperature is increased to +85°C,
the die temperature would be +140.8°C; thus, the die temperature would be above the absolute maximum
ratings, and the load current would need to be scaled back. This example demonstrates the steps required to
estimate the amount of current derating based upon operating mode, circuit parameters, and the device's
junction-toambient thermal resistance. In this example a thermal resistance of 60°C/W was used (JESD51-7
standard). Since thermal resistance from junction-to-ambient is largely PCB layout dependent, the actual number
used will likely be different and must be taken into account when performing these calculations.
FLASH MODE
In Flash mode the LED current sources (LED1 and LED2) each provide 16 different current levels from typically
34mA to approximately 600mA. The Flash currents are set by writing to bits [6:3] of the Flash Brightness
Resister. Flash mode is activated by either writing a (1, 1) to bits [1:0] of the Torch Brightness Register, writing a
(1,1) to bit [1:0] of the Flash Brightness Register, or by pulling the STROBE pin high. Once the Flash sequence
is activated, both current sinks (LED1 and LED2) will ramp up to the programmed Flash current by stepping
through all Flash levels (16µs/step) until the programmed current is reached.
20
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com