Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 5 Page - Texas Instruments

  LM3554 Datasheet HTML 1Page - Texas Instruments LM3554 Datasheet HTML 2Page - Texas Instruments LM3554 Datasheet HTML 3Page - Texas Instruments LM3554 Datasheet HTML 4Page - Texas Instruments LM3554 Datasheet HTML 5Page - Texas Instruments LM3554 Datasheet HTML 6Page - Texas Instruments LM3554 Datasheet HTML 7Page - Texas Instruments LM3554 Datasheet HTML 8Page - Texas Instruments LM3554 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
LM3554
www.ti.com
SNVS549A – JUNE 2009 – REVISED APRIL 2011
Electrical Characteristics (continued)
Limits in standard typeface are for TA = +25°C. Limits in boldface type apply over the full operating ambient temperature
range (-30°C
≤ TA ≤ +85°C). Unless otherwise specified, VIN = 3.6V, VHWEN = VIN.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CL bits = 00
0.711
1.05
1.373
CL bits = 01
1.295
1.51
1.8
Switch Current
ICL
A
Limit(4)
CL bits = 10
1.783
1.99
2.263
CL bits = 11
2.243
2.45
2.828
Output Short
IOUT_SC
Circuit Current
VOUT < 2.3V
550
mA
Limit
IND1, IND0 bits
2.3
= 00
IND1, IND0 bits
4.6
= 01
Indicator
LEDI/NTC bit =
ILED/NTC
mA
Current
0
IND1, IND0 bits
6.9
= 10
IND1, IND0 bits
8.2
= 11
Comparator
LEDI/NTC bit = 1, 2.7V
≤ VIN ≤
VTRIP
0.947
1.052
1.157
V
Trip Threshold
5.5V
Switching
fSW
2.7V
≤ VIN ≤ 5.5V
1.75
2
2.23
MHz
Frequency
Quiescent
IQ
Device Not Switching
630
µA
Supply Current
Shutdown
ISHDN
2.7V
≤ VIN ≤ 5.5V
3.5
6.6
µA
Supply Current
Flash-to-Torch
TX_ Low to High, ILED1 + ILED2 =
tTX
LED Current
20
µs
1.2A to 180mA
Settling Time
VIN Falling, VIN Monitor Register
VIN Monitor
VIN_TH
= 0x01 (Enabled with VIN_TH =
2.95
3.09
3.23
V
Trip Threshold
3.1V)
TX1/TORCH/GPIO1, STROBE, HWEN, ENVM/TX2/GPIO2 Voltage Specifications
VIL
Input Logic Low 2.7V
≤ VIN ≤ 5.5V
0
0.4
V
Input Logic
VIH
2.7V
≤ VIN ≤ 5.5V
1.2
VIN
V
High
Output Logic
VOL
ILOAD = 3mA, 2.7V ≤ VIN ≤ 5.5V
400
mV
Low
Internal Pull-
down
RTX1/TORCH
300
k
Ω
Resistance at
TX1/TORCH
Internal Pull-
Down
RSTROBE
300
k
Ω
Resistance at
STROBE
I2C-Compatible Voltage Specifications (SCL, SDA)
VIL
Input Logic Low 2.7V
≤ VIN ≤ 5.5V
0
0.4
V
Input Logic
VIH
2.7V
≤ VIN ≤ 5.5V
1.22
VIN
V
High
Output Logic
VOL
ILOAD = 3mA, 2.7V ≤ VIN ≤ 5.5V
400
mV
Low (SCL)
(4)
The typical curve for Current Limit is measured in closed loop using the typical application circuit by increasing IOUT until the peak
inductor current stops increasing. The value given in the Electrical Table is measured open loop and is found by forcing current into SW
until the current limit comparator threshold is reached. Closed loop data appears higher due to the delay between the comparator trip
point and the NFET turning off. This delay allows the closed loop inductor current to ramp higher after the trip point by approximately
20ns × VIN/L
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com