Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 19Page - Texas Instruments LM3554 Datasheet HTML 20Page - Texas Instruments LM3554 Datasheet HTML 21Page - Texas Instruments LM3554 Datasheet HTML 22Page - Texas Instruments LM3554 Datasheet HTML 23Page - Texas Instruments LM3554 Datasheet HTML 24Page - Texas Instruments LM3554 Datasheet HTML 25Page - Texas Instruments LM3554 Datasheet HTML 26Page - Texas Instruments LM3554 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
STROBE
TX1/TORCH
Timeout
Duration
Default State
(TX event during a STROBE event)
IFLASH
ITORCH
I
LED
STROBE
Timeout
Duration
I2C Torch
Command
Default State
Flash Brightness Register bit 7 (STR) = 0
Configuration Register 1 bit 7 (TX1/TORCH) = 0
Configuration Register 1 bit 6 (TX2 Polarity) = 1
Configuration Register bit 5 (ENVM/TX2) = 0
Configuration Register 2 bit 2 (AET) = 0
IFLASH
I TORCH
ILED
LM3554
www.ti.com
SNVS549A – JUNE 2009 – REVISED APRIL 2011
With Configuration Register 2 bit [2] set to (1) the operation of TX1/TORCH becomes dependent on its
occurrence relative to STROBE. In this mode if TX1/TORCH goes high first, then STROBE goes high, the LEDs
are forced into Torch mode with no timeout. In this mode if TX1/TORCH goes high after STROBE has gone high
then the TX1/TORCH pin operates as a normal TX interrupt, and the LEDs will turn off at the end of the timeout
duration. (See LM3554 TIMING DIAGRAMS, Figure 13, and Figure 14.)
INPUT VOLTAGE MONITOR
The LM3554 has an internal comparator that monitors the voltage at IN and can force the LED current into Torch
mode or into shutdown if VIN falls below the programmable VIN Monitor Threshold. Bit 0 in the VIN Monitor
register (0x80) enables or disables this feature. When enabled, Bits 1and 2 program the 4 adjustable thresholds
of 3.1V, 3.2V, 3.3V, and 3.4V. Bit 3 in Configuration Register 2 (0xF0) selects whether an under-voltage event
forces Torch mode or forces the LEDs off. See Figure 24/Table 7 and Figure 26/Table 9 for additional
information.
There is a set 100mV hysteresis for the input voltage monitor. When the input voltage monitor is active, and VIN
falls below the programmed VIN Monitor Threshold, the LEDs will either turn off or their current will get reduced
to the programmed Torch current setting. To reset the LED current to its previous level, two things must occur.
First, VIN must go at least 100mV above the UVLO threshold and secondly, the Flags register must be read back.
LM3554 TIMING DIAGRAMS
Figure 6. Normal Torch to Flash Operation (Default, Power On or RESET state of LM3554)
Figure 7. TX1 Event During a Flash Event (Default State,TX1/TORCH is an Active High TX Input)
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com