Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 12Page - Texas Instruments LM3554 Datasheet HTML 13Page - Texas Instruments LM3554 Datasheet HTML 14Page - Texas Instruments LM3554 Datasheet HTML 15Page - Texas Instruments LM3554 Datasheet HTML 16Page - Texas Instruments LM3554 Datasheet HTML 17Page - Texas Instruments LM3554 Datasheet HTML 18Page - Texas Instruments LM3554 Datasheet HTML 19Page - Texas Instruments LM3554 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
VREF
PWM
Control
2 MHz
Oscillator
Thermal
Shutdown
+150
oC
IN
VREF
I
2C
Interface
Error
Amplifier
Current
Sense/Current
Limit
Current
Sense/Current
Limit
Slope
Compensation
SDA
SCL
Control
Logic/
Soft-Start
GND
OUT
LED1
LED2
LEDI/
NTC
ENVM/TX2/
GPIO2
STROBE
TX1/TORCH/
GPIO1
HWEN
SW
Reference
Mode
Select
Feedback
Mode
Select
Max
VLED
ISET
VREF
150 m:
150 m:
Over Voltage
Comparator
VTRIP
ILEDI
ILED2
ILED1
LM3554
SNVS549A – JUNE 2009 – REVISED APRIL 2011
www.ti.com
Block Diagram
Overview
The LM3554 is a high-power white LED flash driver capable of delivering up to 1.2A of LED current into a single
LED, or up to 600mA into two parallel LEDs. The device incorporates a 2MHz constant frequency, synchronous,
current mode PWM boost converter, and two high-side current sources to regulate the LED current over the 2.5V
to 5.5V input voltage range.
The LM3554 operates in two modes: LED mode or constant Voltage Output mode. In LED mode when the output
voltage is greater than VIN – 150mV, the PWM converter switches and maintains at least 300mV (VHR) across
both current sources (LED1 and LED2). This minimum headroom voltage ensures that the current sinks remain
in regulation. When the input voltage is above VLED + VHR, the device operates in Pass mode with the device not
switching and the PFET on continuously. In Pass mode the difference between (VIN - ILED×RON_P) and VLED is
dropped across the current sources. If the device is operating in Pass mode, and VIN drops to a point that forces
the device into switching, the LM3554 will make a one-time decision to jump into switching mode. The LM3554
remains in switching mode until the device is shutdown and re-enabled. This is true even if VIN were to rise back
above VLED + 300mV during the current Flash or Torch cycle. This prevents the LED current from oscillating
when VIN is operating close to VOUT.
16
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com