Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 23Page - Texas Instruments LM3554 Datasheet HTML 24Page - Texas Instruments LM3554 Datasheet HTML 25Page - Texas Instruments LM3554 Datasheet HTML 26Page - Texas Instruments LM3554 Datasheet HTML 27Page - Texas Instruments LM3554 Datasheet HTML 28Page - Texas Instruments LM3554 Datasheet HTML 29Page - Texas Instruments LM3554 Datasheet HTML 30Page - Texas Instruments LM3554 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
SDA
Start Condition
Stop Condition
SCL
S
P
LM3554
www.ti.com
SNVS549A – JUNE 2009 – REVISED APRIL 2011
There is a delay of 250µs before the LEDF flag is valid on a LED short. This is the time from when VLED falls
below the LED short threshold of 500mV (typical) to when the fault flag is valid. There is a delay of 2µs from
when the LEDF flag is valid on an LED open. This delay is the time between when the OVP threshold is
triggered and when the fault flag is valid. The LEDF flag can only be reset to (0) by pulling HWEN low, removing
power to the LM3554, or reading the Flags Register.
Flash Timeout
The TO flag (bit [0] of the Flags Register) reads back a (1) if the LM3554 is active in Flash mode and the
Timeout period expires before the Flash pulse is terminated. The flash pulse can be terminated before the
Timeout period expires by pulling the STROBE pin low (with STR bit '0'), or by writing a ‘0’ to bit 0 or 1 of the
Torch Brightness Register or the Flash Brightness Register. The TO flag is reset to (0) by pulling HWEN low,
removing power to the LM3554, reading the Flags Register, or when the next Flash pulse is triggered.
LED Thermal Fault
The NTC flag (bit [5] of the Flags Register) reads back a (1) if the LM3554 is active in Flash or Torch mode, the
device is in NTC mode, and the voltage at LEDI/NTC has fallen below VTRIP (1.05V typical). When this has
happened and the LM3554 has been forced into Torch or LED shutdown (depending on the state of
Configuration Register 2 bit [1], the Flags Register must be read in order to place the device back in normal
operation. (See Thermal Comparator Mode (NTC) section for more details.)
Input Voltage Monitor Fault
The VIN Monitor Flag (bit [6] of the Flag Register) reads back a '1' when the Input Voltage Monitor is enabled and
VIN falls below the programmed VIN Monitor threshold. This flag must be read back in order to resume normal
operation after the LED current has been forced to Torch mode or turned off due to a VIN Monitor event.
TX1 and TX2 Interrupt Flags
The TX1 and TX2 interrupt flags (bits [3] and [4]) indicate a TX event on the TX1/TORCH and ENVM/TX2 pins.
Bit 3 will read back a (1) if TX1/TORCH is in TX1 mode and the pin has changed from low to high since the last
read of the Flags Register. Bit 4 will read back a (1) if ENVM/TX2 is in TX2 mode and the pin has had a TX
event since the last read of the Flags Register. A read of the Flags Register automatically resets these bits.
The ENVM/TX2/GPIO2 pin, when configured in TX2 mode, has a TX event that can be either a high-to-low
transition or a low-to-high transition depending on the setting of the TX2 polarity bit (see Configuration Register 1
Bit [6]).
I
2C-Compatible Interface
START AND STOP CONDITIONS
The LM3554 is controlled via an I2C-compatible interface. START and STOP conditions classify the beginning
and end of the I2C session. A START condition is defined as SDA transitioning from HIGH to LOW while SCL is
HIGH. A STOP condition is defined as SDA transitioning from LOW to HIGH while SCL is HIGH. The I2C master
always generates the START and STOP conditions.
Figure 16. Start and Stop Sequences
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com