Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 25Page - Texas Instruments LM3554 Datasheet HTML 26Page - Texas Instruments LM3554 Datasheet HTML 27Page - Texas Instruments LM3554 Datasheet HTML 28Page - Texas Instruments LM3554 Datasheet HTML 29Page - Texas Instruments LM3554 Datasheet HTML 30Page - Texas Instruments LM3554 Datasheet HTML 31Page - Texas Instruments LM3554 Datasheet HTML 32Page - Texas Instruments LM3554 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
STR
Bit 7
Bit 6
MSB
LSB
Flash Brightness Register
Register Address 0xB0
FC3
FC2
FC1
FC0
VM
EN1
EN0
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
IND1
Bit 7
Bit 6
MSB
LSB
Torch Brightness Register
Register Address 0xA0
IND0
TC2
TC1
TC0
VM
EN1
EN0
LM3554
www.ti.com
SNVS549A – JUNE 2009 – REVISED APRIL 2011
TORCH BRIGHTNESS REGISTER
Bits [2:0] of the Torch Brightness Register, or bits [2:0] of the Flash Brightness Register place the device in
shutdown or control the on/off state of Torch, Flash, the Indicator LED and the Voltage output mode (see
Table 2). Writing to Torch Brightness Register bits [2:0] automatically updates the Flash Brightness Register bits
[2:0]; writing to bits [2:0] of the Flash Brightness Register automatically updates bits [2:0] of the Torch Brightness
Register. Bits [5:3] set the current level in Torch mode (see Table 2). Bits [7:6] set the LED Indicator current level
(see Table 2).
Figure 19. Torch Brightness Register Description
Table 2. Torch Brightness Register Bit Settings
Bit 7 (IND1)
Bit 6 (IND0)
Bit 5 (TC2)
Bit 4 (TC1)
Bit 3 (TC0)
Bit 2 (VM)
Bit 1 (EN1)
Bit 0 (EN0)
Indicator Current Select Bits Torch
Current
Select
Bits Enable
Bits
00
=
2.3mA 000
=
17mA
(34mA
total) 000
=
Shutdown
(default)
01 = 4.6mA (default state) 001
=
35.5mA
(71mA
total) 001
=
Indicator
Mode
10
=
6.9mA 010
=
54mA
(108mA
total)
default
state 010
=
Torch
Mode
11 = 8.2mA
011
=
73mA
(146mA
total) 011
=
Flash
Mode
(bits
reset
at
timeout)
100
=
90mA
(180mA
total) 100
=
Voltage
Output
Mode
101
=
109mA
(218mA
total) 101
=
Voltage
Output
+
Indicator
Mode
110
=
128mA
(256mA
total) 110
=
Voltage
Output
+
Torch
Mode
111 = 147.5mA (295mA total)
111 = Voltage Output + Flash Mode (bits [1:0] are
reset at end of timeout)
FLASH BRIGHTNESS REGISTER
Bits [2:0] of the Torch Brightness Register, or bits [2:0] of the Flash Brightness Register place the device in
shutdown or control the on/off state of Torch, Flash, the Indicator LED and the Voltage output mode. Writing to
the Flash Brightness Register bits [2:0] automatically updates the Torch Brightness Register bits [2:0]. Bits [6:3]
set the current level in Flash mode (see Table 3). Bit [7] sets the STROBE Termination select bit (STR) (see
Table 3).
Figure 20. Flash Brightness Register Description
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com