Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 33Page - Texas Instruments LM3554 Datasheet HTML 34Page - Texas Instruments LM3554 Datasheet HTML 35Page - Texas Instruments LM3554 Datasheet HTML 36Page - Texas Instruments LM3554 Datasheet HTML 37Page - Texas Instruments LM3554 Datasheet HTML 38Page - Texas Instruments LM3554 Datasheet HTML 39Page - Texas Instruments LM3554 Datasheet HTML 40Page - Texas Instruments LM3554 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
1.05V
TX2
TX1/TORCH
Force Torch or
LED Shutdown (VIN Monitor, TX2 or
NTC only)
Internal to
LM3554
LEDI/
NTC
R(T)
R3
0.1 PF
VIN Monitor
V
BIAS
LM3554
www.ti.com
SNVS549A – JUNE 2009 – REVISED APRIL 2011
Programming bit [3] of the Configuration register with a (1) selects Thermal Comparator mode making the
LEDI/NTC pin a comparator input for flash LED thermal sensing. Figure 28 shows the internal block diagram of
the thermal sensing circuit which is OR’d with both the TX1 and ENVM/TX2 (TX2 mode) to force the LM3554
from Flash to Torch mode. This is intended to prevent LED overheating during flash pulses.
Figure 28. Thermistor Voltage Divider and Sensing Circuit
NTC THERMISTOR PLACEMENT
The termination of the thermistor must be done directly to the cathode of the Flash LED in order to adequately
couple the heat from the LED into the thermistor. Consequentally, the noisy environment generated from the
switching of the LM3554's boost converter can introduce noise from GND into the thermistor sensing input. To
filter out this noise it is necessary to place a 0.1µF or larger ceramic capacitor close to the LEDI/NTC pin. The
filter capacitor's return must also connect with a low-impedance trace, as close as possible to the PGND pin of
the LM3554.
Layout Recommendations
The high frequency and large switching currents of the LM3554 make the choice of layout important. The
following steps should be used as a reference to ensure the device is stable and maintains proper voltage and
current regulation across its intended operating voltage and current range.
1. Place CIN on the top layer (same layer as the LM3554) and as close to the device as possible. The input
capacitor conducts the driver currents during the low-side MOSFET turn-on and turn-off and can see current
spikes over 1A in amplitude. Connecting the input capacitor through short wide traces on both the IN and
GND terminals will reduce the inductive voltage spikes that occur during switching and which can corrupt the
VIN line.
2. Place COUT on the top layer (same layer as the LM3554) and as close as possible to the OUT and GND
terminal. The returns for both CIN and COUT should come together at one point, and as close to the GND pin
as possible. Connecting COUT through short wide traces will reduce the series inductance on the OUT and
GND terminals that can corrupt the VOUT and GND line and cause excessive noise in the device and
surrounding circuitry.
3. Connect the inductor on the top layer close to the SW pin. There should be a low impedance connection
from the inductor to SW due to the large DC inductor current, and at the same time the area occupied by the
SW node should be small so as to reduce the capacitive coupling of the high dV/dt present at SW that can
couple into nearby traces.
4. Avoid routing logic traces near the SW node so as to avoid any capacitively coupled voltages from SW onto
any high-impedance logic lines such as TX1/TORCH/GPIO1, ENVM/TX2/GPIO2, HWEN, LEDI/NTC (NTC
mode), SDA, and SCL. A good approach is to insert an inner layer GND plane underneath the SW node and
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com