Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 27Page - Texas Instruments LM3554 Datasheet HTML 28Page - Texas Instruments LM3554 Datasheet HTML 29Page - Texas Instruments LM3554 Datasheet HTML 30Page - Texas Instruments LM3554 Datasheet HTML 31Page - Texas Instruments LM3554 Datasheet HTML 32Page - Texas Instruments LM3554 Datasheet HTML 33Page - Texas Instruments LM3554 Datasheet HTML 34Page - Texas Instruments LM3554 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 7
MSB
LSB
Flags Register
Register Address 0xD0
VIN Monitor
Fault
LED Thermal
Fault
TX2
Interrupt
LED
Fault
Thermal
Shutdown
Flash
Timeout
TX1
Interrupt
N/A
Bit 6
LM3554
www.ti.com
SNVS549A – JUNE 2009 – REVISED APRIL 2011
Table 4. Flash Duration Register Bit Settings
Bit 7 (Not
Bit 6 (CL1)
Bit 5 (CL0)
Bit 4 (T4)
Bit 3 (T3)
Bit 2 (T2)
Bit 1 (T1)
Bit 0 (T0)
used)
Reads Back '0'
Current
Limit
Select
Bits Flash
Timeout
Select
Bits
00 = 1A Peak Current Limit 00000
=
32ms
timeout
01 = 1.5A Peak Current Limit 00001
=
64ms
timeout
t10
=
2A
Peak
Current 00010
=
96ms
timeout
Limi(default)
00011
=
128ms
timeout
11 = 2.5A Peak Current Limit
00100
=
160ms
timeout
00101
=
192ms
timeout
00110
=
224ms
timeout
00111
=
256ms
timeout
01000
=
288ms
timeout
01001
=
320ms
timeout
01010
=
352ms
timeout
01011
=
384ms
timeout
01100
=
416ms
timeout
01101
=
448ms
timeout
01110
=
480ms
timeout
01111
=
512ms
timeout
(default)
10000
=
544ms
timeout
10001
=
576ms
timeout
10010
=
608ms
timeout
10011
=
640ms
timeout
10100
=
672ms
timeout
10101
=
704ms
timeout
10110
=
736ms
timeout
10111
=
768ms
time-out
11000
=
800ms
timeout
11001
=
832ms
timeout
11010
=
864ms
timeout
11011
=
896ms
timeout
11100
=
928ms
timeout
11101
=
960ms
timeout
11110
=
992ms
timeout
11111 = 1024ms timeout
FLAGS REGISTER
The Flags Register holds the status of the flag bits indicating LED Failure, Over-Temperature, the Flash Timeout
expiring, VIN Monitor Fault, LED over temperature (NTC), and a TX interrupt. (See Figure 21 and Table 4.)
Figure 22. Flags Register Description
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com