Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 6Page - Texas Instruments LM3554 Datasheet HTML 7Page - Texas Instruments LM3554 Datasheet HTML 8Page - Texas Instruments LM3554 Datasheet HTML 9Page - Texas Instruments LM3554 Datasheet HTML 10Page - Texas Instruments LM3554 Datasheet HTML 11Page - Texas Instruments LM3554 Datasheet HTML 12Page - Texas Instruments LM3554 Datasheet HTML 13Page - Texas Instruments LM3554 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
LM3554
SNVS549A – JUNE 2009 – REVISED APRIL 2011
www.ti.com
Typical Performance Characteristics (continued)
VIN = 3.6V, LEDs are Lumiled PWF-4, COUT = 10µF, CIN = 4.7µF, L = FDSE0312-2R2 (2.2µH, RL = 0.15Ω), TA = +25°C unless
otherwise specified.
Shutdown Current
Switching Frequency
vs
vs
VIN
VIN
(VHWEN = 0V)
Active (Non-Switching) Supply Current
Active (Switching) Supply Current
vs
vs
VIN
VIN
(VLED = 1.5V)
(VOUT = 5V, IOUT = 400mA)
Closed Loop Current Limit
Closed Loop Current Limit
vs
vs
VIN
VIN
(Flash Duration Register bits [6:5] = 00, (2))
(Flash Duration Register bits [6:5] = 01, (2) )
(2)
The typical curve for Over-Voltage Protection (OVP) is measured in closed loop using the typical application circuit . The OVP value is
found by forcing an open circuit in the LED1 and LED2 path and recording the peak value of VOUT. The value given in the Electrical
Table is found in an open loop configuration by ramping the voltage at OUT until the OVP comparator trips. The closed loop data can
appear higher due to the stored energy in the inductor being dumped into the output capacitor after the OVP comparator trips. At worst
case is an open circuit condition where the output voltage can continue to rise after the OVP comparator trips by approximately
IIN×sqrt(L/COUT).
10
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com