Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 31Page - Texas Instruments LM3554 Datasheet HTML 32Page - Texas Instruments LM3554 Datasheet HTML 33Page - Texas Instruments LM3554 Datasheet HTML 34Page - Texas Instruments LM3554 Datasheet HTML 35Page - Texas Instruments LM3554 Datasheet HTML 36Page - Texas Instruments LM3554 Datasheet HTML 37Page - Texas Instruments LM3554 Datasheet HTML 38Page - Texas Instruments LM3554 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
PEAK
I
LOAD
I
=
K
x
L
I
+ '
where
L =
I
'
IN x
V
(
)
IN
OUT - V
V
OUT
SW
V
x
L
x
f
x
2
IN
OUT
V
V
where
IN
IN
OUT
(
)
- V
V
x
V
L =
I
'
OUT
SW
V
x
L
x
f
x
2
I
+
x
R
=
V
L
ESR
ESR
'
'
V
x
I
OUT
LED
VIN
¹
·
©
§
Q =
V
'
(
)
IN
OUT
LED
- V
V
x
I
OUT
OUT
SW
C
x
V
x
f
LM3554
www.ti.com
SNVS549A – JUNE 2009 – REVISED APRIL 2011
For proper LED operation the output capacitor must be at least a 4.7µF ceramic (10µF in Voltage Output Mode).
Larger capacitors such as 10µF or 22µF can be used if lower output voltage ripple is desired. To estimate the
output voltage ripple considering the ripple due to capacitor discharge (
ΔVQ) and the ripple due to the capacitors
ESR (
ΔVESR) use the following equations:
For continuous conduction mode, the output voltage ripple due to the capacitor discharge is:
(7)
The output voltage ripple due to the output capacitors ESR is found by:
(8)
In ceramic capacitors the ESR is very low so assume that 80% of the output voltage ripple is due to capacitor
discharge and 20% from ESR. Table 10 lists different manufacturers for various output capacitors and their case
sizes suitable for use with the LM3554.
INPUT CAPACITOR SELECTION
Choosing the correct size and type of input capacitor helps minimize the voltage ripple caused by the switching
of the LM3554’s boost converter and reduces noise on the devices input terminal that can feed through and
disrupt internal analog signals. In the Typical Application Circuit a 4.7µF ceramic input capacitor works well. It is
important to place the input capacitor as close as possible to the LM3554’s input (IN) terminals. This reduces the
series resistance and inductance that can inject noise into the device due to the input switching currents.
Table 10 lists various input capacitors that or recommended for use with the LM3554.
Table 10. Recommended Input/Output Capacitors (X5R Dielectric)
Manufacturer
Part Number
Value
Case Size
Voltage Rating
TDK Corporation
C1608JB0J475K
4.7µF
0603(1.6mm×0.8mm×0.8mm)
6.3V
TDK Corporation
C1608JB0J106M
10µF
0603(1.6mm×0.8mm×0.8mm)
6.3V
TDK Corporation
C2012JB1C475K
4.7µF
0805(2mm×1.25mm×1.25mm)
16V
TDK Corporation
C2012JB1A106M
10µF
0805(2mm×1.25mm×1.25mm)
10V
TDK Corporation
C2012JB0J226M
22µF
0805(2mm×1.25mm×1.25mm)
6.3V
Murata
GRM188R60J475KE19
4.7µF
0603(1.6mm×0.8mm×0.8mm)
6.3V
Murata
GRM21BR61C475KA88
4.7µF
0805(2mm×1.25mm×1.25mm)
16V
Murata
GRM21BR61A106KE19
10µF
0805(2mm×1.25mm×1.25mm)
10V
Murata
GRM21BR60J226ME39L
22µF
0805(2mm×1.25mm×1.25mm)
6.3V
INDUCTOR SELECTION
The LM3554 is designed to use a 2.2µH inductor. Table 11 lists various inductors and their manufacturers that
can work well with the LM3554. When the device is boosting (VOUT > VIN) the inductor will typically be the biggest
area of efficiency loss in the circuit. Therefore, choosing an inductor with the lowest possible series resistance is
important. Additionally, the saturation rating of the inductor should be greater than the maximum operating peak
current of the LM3554. This prevents excess efficiency loss that can occur with inductors that operate in
saturation and prevents over heating of the inductor and possible damage. For proper inductor operation and
circuit performance ensure that the inductor saturation and the peak current limit setting of the LM3554 is greater
than IPEAK can be calculated by:
(9)
ƒSW = 2MHz; η can be found in the Typical Performance Characteristics plots.
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com