Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 28Page - Texas Instruments LM3554 Datasheet HTML 29Page - Texas Instruments LM3554 Datasheet HTML 30Page - Texas Instruments LM3554 Datasheet HTML 31Page - Texas Instruments LM3554 Datasheet HTML 32Page - Texas Instruments LM3554 Datasheet HTML 33Page - Texas Instruments LM3554 Datasheet HTML 34Page - Texas Instruments LM3554 Datasheet HTML 35Page - Texas Instruments LM3554 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
TX1/
TORCH
Bit 7
Bit 6
MSB
LSB
Configuration Register 1
Register Address 0xE0
TX2
Polarity
ENVM/TX2
HYST
Ext Flash
Inhibit
OV
LL
Disable
LEDI/NTC
LM3554
SNVS549A – JUNE 2009 – REVISED APRIL 2011
www.ti.com
Table 5. Flags Register Bit Settings
Bit 7 (VIN
Bit 6 (Unused)
Bit 5 (LED
Bit 4 (TX2
Bit 3 (TX1
Bit 2 (Led
Bit 1 (Thermal
Bit 0 (Flash
Monitor Fault
Thermal
Interrupt)
Interrupt )
Fault)
Shutdown)
Timeout)
Fault)
Fault)
0=No Fault at
Not Used
0=LEDI/NTC
0=ENVM/TX2
0=TX1/TORCH
0 = Proper
0 = Die
0 = Flash
VIN (default)
(Reads Back
pin is above
has not
has not changed
LED Operation
Temperature
TimeOut did not
'1')
VTRIP (default)
changed state
state (default)
(default)
below Thermal
expire (default)
(default)
Shutdown Limit
(default)
1=Input
1=LEDI/NTC
1=ENVM/TX2
1=TX1/TORCH
1 = LED Failed
1 = Die
1 = Flash
Voltage
has fallen
has changed
pin has changed
(Open or Short
Temperature
TimeOut
Monitor is
below
state (TX2
state (TX1 mode
has crossed
Expired
enabled and
VTRIP(NTC
mode only)
only)
the Thermal
VIN has fallen
mode only)
Shutdown
below the
Threshold
programmed
threshold
CONFIGURATION REGISTER 1
Configuration Register 1 holds the light load disable bit, the voltage mode select bit (OV), the external flash
inhibit bit, the control bit for the LEDI/NTC pin, the control bit for ENVM to TX2 mode, the polarity selection bit for
the TX2 input, and the control bit for the TX1/TORCH bit (see Figure 23 and Table 6).
Figure 23. Configuration Register1 Description
Table 6. Configuration Register 1 Bit Settings
Bit 7
Bit 6 (TX2
Bit 5
Bit 4 (N/A)
Bit 3
Bit 2 (External
Bit 1 (OV,
Bit 0
(Hardware
Polarity)
(ENVM/TX2)
(LEDI/NTC)
Flash Inhibit)
Output
(Disable Light
Torch Mode
Voltage
Load )
Enable)
Select)
0 =
0 = ENVM/TX2
0 = ENVM
Reads Back '0'
0 = LEDI/NTC
0 = STROBE
0 = Voltage
0 = Light load
TX1/TORCH is
pin is an active
Mode The
pin in Indicator
Input Enabled
Mode output
comparator is
a TX1 flash
low Flash
ENVM/TX2 pin
mode (default)
(default)
voltage is 4.5V
enabled. The
interrupt input
inhibit
is a logic input
LM3554 will go
(default)
to enable
into PFM mode
Voltage Mode.
at light load
A high on
(default).
ENVM/TX2 will
force Voltage
Output Mode
(default)
1 =
1 = ENVM/TX2
1 = TX2 Mode
1 = LEDI/NTC
1 = STROBE
1 = Voltage
1 = Light load
TX1/TORCH
pin is an active
The ENVM/TX2
pin in Thermal
Input Disabled
Mode output
comparator is
pin is a
high Flash
is a Power
Comparator
voltage is 5V
disabled. The
hardware
inhibit (default)
Amplifier
Mode. Indicator
(default)
LM3554 will not
TORCH enable
Synchronization
current is
go into PFM
input. A high on
disabled.
mode at light
ENVM/TX2 will
load.
force the
LM3554 from
Flash to Torch
mode.
32
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com