Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 26Page - Texas Instruments LM3554 Datasheet HTML 27Page - Texas Instruments LM3554 Datasheet HTML 28Page - Texas Instruments LM3554 Datasheet HTML 29Page - Texas Instruments LM3554 Datasheet HTML 30Page - Texas Instruments LM3554 Datasheet HTML 31Page - Texas Instruments LM3554 Datasheet HTML 32Page - Texas Instruments LM3554 Datasheet HTML 33Page - Texas Instruments LM3554 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
N/A
Bit 7
Bit 6
MSB
LSB
Flash Duration Register
Register Address 0xC0
CL1
CL0
T4
T3
T2
T1
T0
LM3554
SNVS549A – JUNE 2009 – REVISED APRIL 2011
www.ti.com
Table 3. Flash Brightness Register Bit Settings
Bit 7 (STR)
Bit 6 (FC3)
Bit 5 (FC2)
Bit 4 (FC1)
Bit 3 (FC0)
Bit 2 (VM)
Bit 1 (EN1)
Bit 0 (EN0)
STROBE
Edge
or
Level Flash
Current
Select
Bits Enable
Bits
Select
0000
=
35.5mA
(71mA
total) 000
=
Shutdown
(default)
0 = (Level Sensitive) When 0001
=
73mA
(146mA
total) 001
=
Indicator
Mode
STROBE goes high, Flash 0010
=
109mA
(218mA
total) 010
=
Torch
Mode
current
will
turn
on
and 0011
=
147.5mA
(295mA
total) 011 = Flash Mode (bits reset at timeout)
remain on for the duration the 0100
=
182.5mA
(365mA
total) 100
=
Voltage
Output
Mode
STROBE pin is held high or 0101
=
220.5mA
(441mA
total) 101 = Voltage Output + Indicator Mode
when Flash Timeout occurs, 0110
=
259mA
(518mA
total) 110
=
Voltage
Output
+
Torch
Mode
whichever
comes 111
=
298mA
(596mA
total) 111 = Voltage Output + Flash Mode (bits [1:0]
first.(default)
1000
=326mA
(652mA
total) are reset at end of timeout)
1 = (Edge Triggered) When 1001
=
364.5mA
(729mA
total)
STROBE goes high , Flash 1010
=
402.5mA
(805mA
total)
current
will
turn
on
and 1011
=
440.5mA
(881mA
total)
remain on for the duration of 1100
=
480mA
(960mA
total)
the Flash Timeout.
1101
=
518.5mA
(1037mA
total)
Default
1110
=
556.5mA
(1113mA
total)
1111 = 595.5mA (1191mA total)
FLASH DURATION REGISTER
Bits [4:0] of the Flash Duration Register set the Flash Timeout duration. Bits [6:5] set the switch current limit. Bit
[7] defaults as a '1' and is not used (see Table 4).
Figure 21. Flash Duration Register Description
30
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com