Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 29Page - Texas Instruments LM3554 Datasheet HTML 30Page - Texas Instruments LM3554 Datasheet HTML 31Page - Texas Instruments LM3554 Datasheet HTML 32Page - Texas Instruments LM3554 Datasheet HTML 33Page - Texas Instruments LM3554 Datasheet HTML 34Page - Texas Instruments LM3554 Datasheet HTML 35Page - Texas Instruments LM3554 Datasheet HTML 36Page - Texas Instruments LM3554 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Not
Used
Bit 7
Bit 6
MSB
LSB
GPIO Register
Register Address 0x20
NTC
External
Flag
Data
Data
Direction
Data
Data
Direction
TX1/TORCH/
GPIO1
ENVM/
TX2/GPIO2
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
N/A
Bit 7
Bit 6
MSB
LSB
Configuration Register 2
Register Address 0xF0
N/A
AET
Mode
NTC
Shutdown
TX2
Shutdown
VIN Monitor
Mode
N/A
N/A
LM3554
www.ti.com
SNVS549A – JUNE 2009 – REVISED APRIL 2011
CONFIGURATION REGISTER 2
Configuration Register 2 contains the bits to select if TX2, NTC, and the VIN monitor force Torch mode or force
the Flash LEDs into shutdown. Additionally, bit [2] (AET bit) selects the Alternate External Torch mode (see
Figure 24 and Table 7).
Figure 24. Configuration Register 2 Description
Table 7. Configuration Register 2 Bit Settings
Bit 7 (Not
Bit 6 (Not
Bit 5 (Not
Bit 4 (Not
Bit 3 (VIN
Bit 2 (AET
Bit 1
Bit 0
used)
used)
used)
used)
Monitor
mode)
(NTC
(TX2
Shutdown)
Shutdown)
Shutdown)
Reads Back '1'
Reads Back '1'
Reads Back '1'
Reads Back '1'
0 = If IN drops
0 = Normal
0 = LEDI/NTC
0 = TX2 event
below the
operation for
pin going below
forces the
programmed
TX1/TORCH
VTRIP forces the
LEDs into
threshold and
high before
LEDs into
Torch mode
the VIN Monitor
STROBE (TX1
Torch mode
(TX2 mode
feature is
mode only)
(NTC mode
only) default
enabled, the
default
only) default
LED's are
forced into
Torch mode
(default)
1 = If IN drops
1 = Alternative
1 = LEDI/NTC
1 = TX2 event
below the
External Torch
pin going below
forces the
programmed
operation.
VTRIP forces the
LEDs into
threshold and
TX1/TORCH
LEDs into
shutdown (TX2
the VIN Monitor
high before
shutdown (NTC
mode only)
feature is
STROBE
mode only)
enabled, the
forces Torch
LED's turn off
mode with no
timeout (TX1
mode only)
GPIO REGISTER
The GPIO register contains the control bits which change the state of the TX1/TORCH/GPIO1 pin and the
ENVM/TX2/GPIO2 pin to general purpose I/O’s (GPIO’s). Additionally, bit[6] of this register configures the
ENVM/TX2/GPIO2 as a hardware interrupt output reflecting the NTC flag bit in the Flags Register. Figure 25 and
Table 8 describe the bit description and functionality of the GPIO register.
Figure 25. GPIO Register Description
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com