Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 2Page - Texas Instruments LM3554 Datasheet HTML 3Page - Texas Instruments LM3554 Datasheet HTML 4Page - Texas Instruments LM3554 Datasheet HTML 5Page - Texas Instruments LM3554 Datasheet HTML 6Page - Texas Instruments LM3554 Datasheet HTML 7Page - Texas Instruments LM3554 Datasheet HTML 8Page - Texas Instruments LM3554 Datasheet HTML 9Page - Texas Instruments LM3554 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
t4
t2
t3
t5
t1
SCL
SDA_IN
SDA_OUT
LM3554
SNVS549A – JUNE 2009 – REVISED APRIL 2011
www.ti.com
Electrical Characteristics (continued)
Limits in standard typeface are for TA = +25°C. Limits in boldface type apply over the full operating ambient temperature
range (-30°C
≤ TA ≤ +85°C). Unless otherwise specified, VIN = 3.6V, VHWEN = VIN.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I2C-Compatible Timing Specifications (SCL, SDA) — See Figure 1
SCL Clock
1/t1
400
kHz
Frequency
Data In Setup
t2
Time to SCL
100
ns
High
Data Out
t3
Stable After
0
ns
SCL Low
SDA Low Setup
t4
Time to SCL
160
ns
Low (Start)
SDA High Hold
t5
Time After SCL
160
ns
High (Stop)
Figure 2. I2C Timing
6
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com