Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 24Page - Texas Instruments LM3554 Datasheet HTML 25Page - Texas Instruments LM3554 Datasheet HTML 26Page - Texas Instruments LM3554 Datasheet HTML 27Page - Texas Instruments LM3554 Datasheet HTML 28Page - Texas Instruments LM3554 Datasheet HTML 29Page - Texas Instruments LM3554 Datasheet HTML 30Page - Texas Instruments LM3554 Datasheet HTML 31Page - Texas Instruments LM3554 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
R/W
Bit 0
1
Bit 1
1
Bit 2
0
Bit 3
0
Bit 4
1
Bit 5
1
Bit 7
0
Bit 6
MSB
LSB
I
2
C Slave Address (chip address)
SCL
SDA_IN
SDA_OUT
t 5
t 1
t 4
t 3
t
2
LM3554
SNVS549A – JUNE 2009 – REVISED APRIL 2011
www.ti.com
The I2C bus is considered busy after a START condition and free after a STOP condition. During data
transmission the I2C master can generate repeated START conditions. A START and a repeated START
condition are equivalent function-wise. The data on SDA must be stable during the HIGH period of the clock
signal (SCL). In other words, the state of SDA can only be changed when SCL is LOW. Figure 2 and Figure 17
show the SDA and SCL signal timing for the I2C-Compatible Bus. See the Electrical Characteristics Table for
timing values.
Figure 17. I2C-Compatible Timing
I2C-COMPATIBLE CHIP ADDRESS
The device address for the LM3554 is 1010011 (53). After the START condition, the I2C master sends the 7-bit
address followed by an eighth bit, read or write (R/W). R/W = 0 indicates a WRITE and R/W = 1 indicates a
READ. The second byte following the device address selects the register address to which the data will be
written. The third byte contains the data for the selected register.
Figure 18. Device Address
TRANSFERRING DATA
Every byte on the SDA line must be eight bits long, with the most significant bit (MSB) transferred first. Each byte
of data must be followed by an acknowledge bit (ACK). The acknowledge related clock pulse (9th clock pulse) is
generated by the master. The master releases SDA (HIGH) during the 9th clock pulse (write mode). The LM3554
pulls down SDA during the 9th clock pulse, signifying an acknowledge. An acknowledge is generated after each
byte has been received.
Register Descriptions
Table 1. LM3554 Internal Registers
Register Name
Internal Hex Address
Power On or Reset Value
Torch Brightness
0xA0
0x50
Flash Brightness
0xB0
0x68
Flash Duration
0xC0
0x4F
Flag Register
0xD0
0x40
Configuration Register 1
0xE0
0x42
Configuration Register 2
0xF0
0xF0
GPIO Register
0x20
0x80
VIN Monitor Register
0x80
0xF0
28
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com